Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2007YML Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2007YML
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2007YML Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2007YML Datasheet HTML 9Page - Micrel Semiconductor MIC2007YML Datasheet HTML 10Page - Micrel Semiconductor MIC2007YML Datasheet HTML 11Page - Micrel Semiconductor MIC2007YML Datasheet HTML 12Page - Micrel Semiconductor MIC2007YML Datasheet HTML 13Page - Micrel Semiconductor MIC2007YML Datasheet HTML 14Page - Micrel Semiconductor MIC2007YML Datasheet HTML 15Page - Micrel Semiconductor MIC2007YML Datasheet HTML 16Page - Micrel Semiconductor MIC2007YML Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Micrel, Inc.
MIC20xx Family
August 2011
13
M9999-080211-D
AC Electrical Characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
tRISE
Output Turn-on rise time
RL = 10Ω, CLOAD = 1µF,
VOUT = 10% to 90%
CSLEW
(7) = Open
500
1000
1500
µs
Delay before asserting or releasing
FAULT/
MIC2003 – MIC2009
MIC2009A, MIC2005A
Time from current limiting to FAULT/ state
change
20
32
49
tD_FAULT
Delay before asserting or releasing
FAULT/
MIC2013 – MIC2019
MIC2019A
Time from IOUT continuously exceeding
primary current limit condition to FAULT/
state change
77
128
192
ms
tD_LIMIT
Delay before current limiting
MIC2013 – MIC2019
MIC2019A
77
128
192
ms
tRESET
Delay before resetting Kickstart™
current limit delay, tD_LIMIT
MIC2013 – MIC2019
MIC2019A
Out of current limit following a current limit
event.
77
128
192
ms
tON_DLY
Output Turn-on Delay
RL = 43Ω, CL = 120µF,
VEN = 50% to VOUT = 10%
*CSLEW = Open
1000
1500
µs
tOFF_DLY
Output Turn-off Delay
RL = 43Ω, CL = 120µF,
VEN = 50% to VOUT = 90%
*CSLEW = Open
700
µs
ESD
(8)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOUT and GND
±4
VESD_HB
Electro Static Discharge Voltage:
Human Body Model
All other pins
±2
kV
VESD_MCHN
Electro Static Discharge Voltage;
Machine Model
All pins
Machine Model
±200
V
Notes:
7.
Whenever CSLEW is present.
8.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com