Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT138 Datasheet (PDF) - Diodes Incorporated

74AHCT138 Datasheet PDF - Diodes Incorporated
Part # 74AHCT138
Download  74AHCT138 Download
File Size   255.9 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3 TO 8 LINE DECODER DEMULTIPLEXER

74AHCT138 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT138 Datasheet PDF - Diodes Incorporated

Part # 74AHCT138
Download  74AHCT138 Click to download

File Size   255.9 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3 TO 8 LINE DECODER DEMULTIPLEXER

74AHCT138 Datasheet (HTML) - Diodes Incorporated


74AHCT138 Product details

Description
The 74AHCT138 is an advanced high speed CMOS device that is designed to be pin compatable with 74LS low power Schottky types.

Features
• Supply Voltage Range from 4.5V to 5.5V
• Sinks or Sources 8mA at VCC = 4.5V
• CMOS Low Power Consumption
• Schmitt Trigger Action at All Inputs
• Inputs Accept up to 6.0V
• ESD Protection Tested per JESD 22
• Exceeds 200-V Machine Model (A115-A)
• Exceeds 2000-V Human Body Model (A114-A)
• Exceeds 1000-V Charged Device Model (C101C)
• Latch-Up Exceeds 250mA per JESD 78, Class II
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• Memory chip select decoding
• Demultiplexing
• Single line peripheral control
• Allow simple serial bit streams from a microcontroller to control as many peripheral lines as needed




Similar Part No. - 74AHCT138

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT138 PHILIPS-74AHCT138 Datasheet
84Kb / 16P
3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
Nexperia B.V. All right...
74AHCT138 NEXPERIA-74AHCT138 Datasheet
260Kb / 15P
3-to-8 line decoder/demultiplexer; inverting
Rev. 5 - 10 September 2020
74AHCT138-Q100 NEXPERIA-74AHCT138-Q100 Datasheet
718Kb / 17P
Automotive product qualification in accordance with AEC-Q100
74AHCT138BQ NEXPERIA-74AHCT138BQ Datasheet
260Kb / 15P
3-to-8 line decoder/demultiplexer; inverting
Rev. 5 - 10 September 2020
74AHCT138BQ-Q100 NEXPERIA-74AHCT138BQ-Q100 Datasheet
718Kb / 17P
Automotive product qualification in accordance with AEC-Q100
More results


Similar Description - 74AHCT138

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
3-to-8-line Decoder / Demultiplexer
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
3-to-8-line Decoder/Demultiplexer
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
3-to-8-line Decoder / Demultiplexer
logo
Texas Instruments
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com