Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT138 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHCT138 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHCT138
Download  74AHCT138 Download
File Size   260.86 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder/demultiplexer; inverting

74AHCT138 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT138 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHCT138
Download  74AHCT138 Click to download

File Size   260.86 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3-to-8 line decoder/demultiplexer; inverting

74AHCT138 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHCT138 Product details

1. General description
The 74AHC138; 74AHCT138 are high-speed Si-gate CMOS devices and are pin compatible with
Low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard No. 7A.
The 74AHC138; 74AHCT138 is a 3-to-8 line decoder/demultiplexer. It accepts three binary
weighted address inputs (A0, A1 and A2) and, when enabled, provides eight mutually exclusive
outputs (Y0 to Y7) that are LOW when selected.
There are three enable inputs: two active LOW (E1 and E2) and one active HIGH (E3). Every
output will be HIGH unless E1 and E2 are LOW and E3 is HIGH.
This multiple enable function allows easy parallel expansion of the device to a 1-of-32 (5 lines to
32 lines) decoder with just four 74AHC138; 74AHCT138 devices and one inverter. The 74AHC138;
74AHCT138 can be used as an eight output demultiplexer by using one of the active LOW enable
inputs as the data input and the remaining enable inputs as strobes. Unused enable inputs must be
permanently tied to their appropriate active HIGH or LOW state.
2. Features and benefits
• Balanced propagation delays
• All inputs have Schmitt-trigger action
• Demultiplexing capability
• Multiple input enable for easy expansion
• Ideal for memory chip select decoding
• Inputs accepts voltages higher than VCC
• For 74AHC138 only: operates with CMOS input levels
• For 74AHCT138 only: operates with TTL input levels
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHCT138

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT138 PHILIPS-74AHCT138 Datasheet
84Kb / 16P
3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
Diodes Incorporated
74AHCT138 DIODES-74AHCT138 Datasheet
255Kb / 9P
3 TO 8 LINE DECODER DEMULTIPLEXER
Rev 2
logo
Nexperia B.V. All right...
74AHCT138-Q100 NEXPERIA-74AHCT138-Q100 Datasheet
718Kb / 17P
Automotive product qualification in accordance with AEC-Q100
74AHCT138BQ-Q100 NEXPERIA-74AHCT138BQ-Q100 Datasheet
718Kb / 17P
Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHCT138D PHILIPS-74AHCT138D Datasheet
84Kb / 16P
3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
More results


Similar Description - 74AHCT138

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
74HC138 PHILIPS-74HC138 Datasheet
50Kb / 7P
3-to-8 line decoder/demultiplexer; inverting
September 1993
logo
KODENSHI_AUK CORP.
KK74LV138 KODENSHI-KK74LV138 Datasheet
452Kb / 6P
3-to-8 line decoder/demultiplexer; inverting
logo
NXP Semiconductors
74HC138D-Q100 NXP-74HC138D-Q100 Datasheet
241Kb / 18P
3-to-8 line decoder/demultiplexer; inverting
Rev. 1-16 July 2012
74HC138U NXP-74HC138U Datasheet
211Kb / 19P
3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74LVC138ABQ PHILIPS-74LVC138ABQ Datasheet
184Kb / 16P
3-to-8 line decoder/demultiplexer; inverting
Rev. 5-19 October 2011
74LV138 PHILIPS-74LV138_15 Datasheet
113Kb / 17P
3-to-8 line decoder/demultiplexer; inverting
Rev. 03-15 November 2007
logo
SHENZHEN FUMAN ELECTRON...
74HC138 FUMAN-74HC138 Datasheet
229Kb / 5P
3-to-8 Line Decoder/Demultiplexer; Inverting
logo
Nexperia B.V. All right...
74LVC138A-Q100 NEXPERIA-74LVC138A-Q100 Datasheet
245Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
74LVC138A NEXPERIA-74LVC138A Datasheet
258Kb / 14P
3-to-8 line decoder/demultiplexer; inverting
Rev. 8 - 20 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com