Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1T45FW4 Datasheet (PDF) - Diodes Incorporated

74LVC1T45FW4 Datasheet PDF - Diodes Incorporated
Part # 74LVC1T45FW4
Download  74LVC1T45FW4 Download
File Size   376.26 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS

74LVC1T45FW4 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1T45FW4 Datasheet PDF - Diodes Incorporated

Part # 74LVC1T45FW4
Download  74LVC1T45FW4 Click to download

File Size   376.26 Kbytes
Page   14 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS

74LVC1T45FW4 Datasheet (HTML) - Diodes Incorporated


74LVC1T45FW4 Product details

Description
The 74LVC1T45 is a single bit, dual supply transceiver with 3-state outputs suitable for transmitting a single logic bit across different voltage domains. The A input/output pin is designed to track VCCA while the B input/output tracks VCCB. This arrangement allows for universal low-voltage translation between any voltages from 1.65V to 5.5V. The Direction pin (DIR) controls the direction of the transceiver and in a logic voltage related to VCCA. When a high logic level is applied to DIR the A pin becomes an input and the B pin becomes the output. Conversely the roles of A and B are reversed when DIR is asserted low.
The 3-state feature occurs when either of the power supply voltages are zero. This is also an Ioff feature and allows for the output to remain in a high impedance state with both power supplies at 0V preventing and damaging backflow currents and providing power down electrical isolation up to 5.5V as not to interfere with any logic activity on pin A or B.

Features
•  Wide Supply Voltage Range:
  VCC(A): from 1.65V to 5.5V
  VCC(B): from 1.65V to 5.5V
•  ± 24mA Output Drive at 3.3V
•  CMOS low power consumption 16µA maximum ICC
•  High Noise Immunity -- (100mV hysteresis typical)
•  IOFF Supports Partial-Power-Down Mode Operation
•  IOFF controlled by either VCC being at 0 V
•  Inputs accept up to 5.5V
•  ESD Protection Exceeds JESD 22
  200-V Machine Model (A115-A)
  2000-V Human Body Model (A114-A)
  1000 V Charged Device Model ( C101)
•  Latch-Up Exceeds 100mA per JESD 78, Class II
•  X2-DFN1409-6 package designed as a direct replacement for chip scale packaging.
•   Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•  Halogen and Antimony Free. “Green” Device (Note 3)

Applications
•  Voltage Level Translation
   Well suited to join logic types operating at different voltages
•  Power Down Signal Isolation
   If either voltage domain is turned off the signal is isolated and there is no loading
   on signal lines
•  Wide array of products such as:
  Cell Phones, Tablets, E-Readers
  PCs, notebooks, netbooks, ultrabooks
  Networking, routers, gateways
  Computer peripherals, hard drives, CD/DVD ROM
  TV, DVD, DVR, set top box
  Personal Navigation / GPS
  MP3 players ,Cameras, Video Recorders




Similar Part No. - 74LVC1T45FW4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1T45 PHILIPS-74LVC1T45 Datasheet
884Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
logo
Nexperia B.V. All right...
74LVC1T45 NEXPERIA-74LVC1T45 Datasheet
386Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 9 - 10 February 2022
74LVC1T45-Q100 NEXPERIA-74LVC1T45-Q100 Datasheet
349Kb / 28P
Dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74LVC1T45GF PHILIPS-74LVC1T45GF Datasheet
884Kb / 30P
Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
More results


Similar Description - 74LVC1T45FW4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74VCX164245 FAIRCHILD-74VCX164245 Datasheet
101Kb / 9P
Low Voltage 16-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
ON Semiconductor
NLA16T245 ONSEMI-NLA16T245 Datasheet
186Kb / 11P
Configurable Dual-Supply Translating Transceiver with 3-State Outputs
September, 2013 ??Rev. 0
logo
Diodes Incorporated
74LVC2T45 DIODES-74LVC2T45 Datasheet
842Kb / 15P
DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2021
74AVCH1T45 DIODES-74AVCH1T45 Datasheet
565Kb / 17P
SINGLE BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2018 Rev. 1 - 2
74LVCH2T45 DIODES-74LVCH2T45 Datasheet
842Kb / 16P
DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2021 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com