Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP03GSZ Datasheet (PDF) - Analog Devices

AMP03GSZ Datasheet PDF - Analog Devices
Part # AMP03GSZ
Download  AMP03GSZ Download
File Size   267.88 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Unity-Gain Differential Amplifier

AMP03GSZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AMP03GSZ Datasheet PDF - Analog Devices

Part # AMP03GSZ
Download  AMP03GSZ Click to download

File Size   267.88 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Unity-Gain Differential Amplifier

AMP03GSZ Datasheet (HTML) - Analog Devices


AMP03GSZ Product details

GENERAL DESCRIPTION
The AMP03 is a monolithic unity-gain, high speed differential amplifier. Incorporating a matched thin film resistor network, the AMP03 features stable operation over temperature without requiring expensive external matched components. The AMP03 is a basic analog building block for differential amplifier and instrumentation applications.
   
FEATURES
    High CMRR: 100 dB Typ
    Low Nonlinearity: 0.001% Max
    Low Distortion: 0.001% Typ
    Wide Bandwidth: 3 MHz Typ
    Fast Slew Rate: 9.5 V/μs Typ
    Fast Settling (0.01%): 1 μs Typ
    Low Cost
   
APPLICATIONS
    Summing Amplifiers
    Instrumentation Amplifiers
    Balanced Line Receivers
    Current-Voltage Conversion
    Absolute Value Amplifier
    4 to 20 mA Current Transmitter
    Precision Voltage Reference Applications
    Lower Cost and Higher Speed Version of INA105
   




Similar Part No. - AMP03GSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP03GS AD-AMP03GS Datasheet
281Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV.E
AMP03GS AD-AMP03GS Datasheet
258Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV. F
AMP03GS-REEL AD-AMP03GS-REEL Datasheet
281Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV.E
AMP03GS-REEL AD-AMP03GS-REEL Datasheet
258Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV. F
More results


Similar Description - AMP03GSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP03 AD-AMP03 Datasheet
281Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV.E
logo
Burr-Brown (TI)
INA105 BURR-BROWN-INA105 Datasheet
182Kb / 12P
Precision Unity Gain DIFFERENTIAL AMPLIFIER
INA106 BURR-BROWN-INA106 Datasheet
175Kb / 6P
Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AMP03 AD-AMP03_03 Datasheet
258Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV. F
AD8475 AD-AD8475 Datasheet
554Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
logo
Texas Instruments
INA106U TI1-INA106U Datasheet
1Mb / 13P
Precision Gain = 10 DIFFERENTIAL AMPLIFIER
INA105 TI1-INA105 Datasheet
716Kb / 17P
Precision Unity Gain DIFFERENTIAL AMPLIFIER
INA106 TI1-INA106 Datasheet
1Mb / 14P
Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
REV. B
AD8475 AD-AD8475_17 Datasheet
549Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com