Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP03GSZ Datasheet(PDF) 2 Page - Analog Devices

Part # AMP03GSZ
Description  Precision, Unity-Gain Differential Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP03GSZ Datasheet(HTML) 2 Page - Analog Devices

  AMP03GSZ Datasheet HTML 1Page - Analog Devices AMP03GSZ Datasheet HTML 2Page - Analog Devices AMP03GSZ Datasheet HTML 3Page - Analog Devices AMP03GSZ Datasheet HTML 4Page - Analog Devices AMP03GSZ Datasheet HTML 5Page - Analog Devices AMP03GSZ Datasheet HTML 6Page - Analog Devices AMP03GSZ Datasheet HTML 7Page - Analog Devices AMP03GSZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. F
AMP03–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
AMP03F
AMP03B
AMP03G
Parameter
Symbol Conditions
Min
Typ
Max
Min
Typ
Max Min
Typ
Max
Unit
Offset Voltage
VOS
VCM = 0 V
–400
+10
+400
–700
+20
+700 –750
+25
+750
µV
Gain Error
No Load, VIN =
±10 V,
RS = 0
Ω
0.00004 0.008
0.00004 0.008
0.001 0.008 %
Input Voltage Range
IVR
(Note 1)
±20
±20
±20
V
Common-Mode Rejection
CMR
VCM =
±10 V
85
100
80
95
80
95
dB
Power Supply Rejection Ratio
PSRR
VS =
±6 V to ±18 V
0.6
10
0.6
10
0.7
10
µV/V
Output Swing
VO
RL = 2 k
Ω±12
±13.7
±12
±13.7
±12
±13.7
V
Short-Circuit Current Limit
ISC
Output Shorted
to Ground
+45/–15
+45/–15
+45/–15
mA
Small-Signal Bandwidth (–3 dB) BW
RL = 2 k
Ω
33
3
MHz
Slew Rate
SR
RL = 2 k
Ω
6
9.5
6
9.5
6
9.5
V/
µs
Capacitive Load Drive
Capability
CL
No Oscillation
300
300
300
pF
Supply Current
ISY
No Load
2.5
3.5
2.5
3.5
2.5
3.5
mA
NOTES
1Input voltage range guaranteed by CMR test.
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
AMP03B
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Offset Voltage
VOS
VCM = 0 V
–1500
+150
+1500
µV
Gain Error
No Load, VIN =
±10 V, R
S = 0
Ω
0.0014
0.02
%
Input Voltage Range
IVR
±20
V
Common-Mode Rejection
CMR
VCM =
±10 V
75
95
dB
Power Supply Rejection
Ratio
PSRR
VS =
±6 V to ±18 V
0.7
20
µV/V
Output Swing
VO
RL = 2 k
Ω±12
±13.7
V
Slew Rate
SR
RL = 2 k
Ω
9.5
V/
µs
Supply Current
ISY
No Load
3.0
4.0
mA
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
AMP03F
AMP03G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Offset Voltage
VOS
VCM = 0 V
–1000
+100
+1000
–2000
+200
+2000
µV
Gain Error
No Load, VIN =
±10 V, R
S = 0
Ω
0.0008 0.015
0.002
0.02
%
Input Voltage Range
IVR
±20
±20
V
Common-Mode Rejection
CMR
VCM =
±10 V
80
95
7590
dB
Power Supply Rejection
Ratio
PSRR
VS =
±6 V to ±18 V
0.7
15
1.0
15
µV/V
Output Swing
VO
RL = 2 k
Ω±12
±13.7
±12
±13.7
V
Slew Rate
SR
RL = 2 k
Ω
9.5
9.5
V/
µs
Supply Current
ISY
No Load
2.6
4.0
2.6
4.0
mA
Specifications subject to change without notice.
(@ VS =
15 V, TA = +25 C, unless otherwise noted.)
(@ VS =
15 V, –55 C
≤ T
A
≤ +125 C for B Grade)
(@ VS =
15 V, –40 C
≤ T
A
≤ +85 C for F and G Grades)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com