Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-RMB6TG Datasheet (PDF) - STMicroelectronics

M95128-RMB6TG Datasheet PDF - STMicroelectronics
Part # M95128-RMB6TG
Download  M95128-RMB6TG Download
File Size   681.0 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128-Kbit serial SPI bus EEPROM with high-speed clock

M95128-RMB6TG Datasheet (PDF)

Go To PDF Page Download Datasheet
M95128-RMB6TG Datasheet PDF - STMicroelectronics

Part # M95128-RMB6TG
Download  M95128-RMB6TG Click to download

File Size   681.0 Kbytes
Page   49 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 128-Kbit serial SPI bus EEPROM with high-speed clock

M95128-RMB6TG Datasheet (HTML) - STMicroelectronics


M95128-RMB6TG Product details

Summary description
These electrically erasable programmable memory (EEPROM) devices are accessed by a high speed SPI-compatible bus. The memory array is organized as 16384 x 8 bits.

Feature summary
■ Compatible with SPI Bus Serial Interface
   (Positive Clock SPI Modes)
■ Single Supply Voltage:
   – 4.5 to 5.5V for M95128
   – 2.5 to 5.5V for M95128-W
   – 1.8 to 5.5V for M95128-R
■ High Speed
   – 5MHz Clock Rate, 5ms Write Time
■ Status Register
■ Hardware Protection of the Status Register
■ BYTE and PAGE WRITE (up to 64 Bytes)
■ Self-Timed Programming Cycle
■ Adjustable Size Read-Only EEPROM Area
■ Enhanced ESD Protection
■ More than 100,000 Write Cycles
■ More than 40-Year Data Retention
■ Packages
   – ECOPACK® (RoHS compliant)




Similar Part No. - M95128-RMB6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95128-RMB6TG/A STMICROELECTRONICS-M95128-RMB6TG/A Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
M95128-RMB6TG/P STMICROELECTRONICS-M95128-RMB6TG/P Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
M95128-RMB6TG/P STMICROELECTRONICS-M95128-RMB6TG/P Datasheet
389Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
02-Mar-2010
M95128-RMB6TG/PC STMICROELECTRONICS-M95128-RMB6TG/PC Datasheet
389Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
02-Mar-2010
More results


Similar Description - M95128-RMB6TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
256 Kbit Serial SPI bus EEPROM with high speed clock
21-Oct-2004
M95128 STMICROELECTRONICS-M95128_06 Datasheet
321Kb / 41P
128 Kbit Serial SPI bus EEPROM with high speed clock
27-Jun-2006
M95128 STMICROELECTRONICS-M95128_07 Datasheet
392Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
04-Oct-2007
M95128 STMICROELECTRONICS-M95128_10 Datasheet
389Kb / 44P
128 Kbit serial SPI bus EEPROM with high speed clock
02-Mar-2010
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
512 Kbit serial SPI bus EEPROM with high-speed clock
14-Sep-2010
M95256-DR STMICROELECTRONICS-M95256-DR Datasheet
504Kb / 48P
256 Kbit serial SPI bus EEPROM with high-speed clock
07-Sep-2010
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
32-Kbit serial SPI bus EEPROM with high-speed clock
29-May-2012
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
16-Kbit serial SPI bus EEPROM with high-speed clock
16-Sep-2013
M95128-W STMICROELECTRONICS-M95128-W Datasheet
609Kb / 48P
128-Kbit serial SPI bus EEPROM with high-speed clock
02-Mar-2010
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
256-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com