Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-RMB6TG Datasheet(PDF) 6 Page - STMicroelectronics

Part # M95128-RMB6TG
Description  128-Kbit serial SPI bus EEPROM with high-speed clock
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RMB6TG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M95128-RMB6TG Datasheet HTML 2Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 3Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 4Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 5Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 6Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 7Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 8Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 9Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Description
M95128-W M95128-R M95128-DF
6/49
Doc ID 5798 Rev 16
1
Description
The M95128 devices are Electrically Erasable PROgrammable Memories (EEPROMs)
organized as 16384 x 8 bits, accessed through the SPI bus.
The M95128-W can operate with a supply voltage from 2.5 V to 5.5 V, the M95128-R can
operate with a supply voltage from 1.8 V to 5.5 V, and the M95128-DF can operate with a
supply voltage from 1.7 V to 5.5 V, over an ambient temperature range of -40 °C / +85 °C.
The M95128-DF offers an additional page, named the Identification Page (64 bytes). The
Identification Page can be used to store sensitive application parameters which can be
(later) permanently locked in Read-only mode.
Figure 1.
Logic diagram
The SPI bus signals are C, D and Q, as shown in Figure 1 and Table 1. The device is
selected when Chip Select (S) is driven low. Communications with the device can be
interrupted when the HOLD is driven low.
Table 1.
Signal names
Signal name
Function
Direction
C
Serial Clock
Input
D
Serial Data Input
Input
Q
Serial Data Output
Output
S
Chip Select
Input
W
Write Protect
Input
HOLD
Hold
Input
VCC
Supply voltage
VSS
Ground
AI01789C
S
VCC
M95xxx
HOLD
VSS
W
Q
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com