Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-RMB6TG Datasheet(PDF) 36 Page - STMicroelectronics

Part # M95128-RMB6TG
Description  128-Kbit serial SPI bus EEPROM with high-speed clock
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RMB6TG Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M95128-RMB6TG Datasheet HTML 32Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 33Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 34Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 35Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 36Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 37Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 38Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 39Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
DC and AC parameters
M95128-W M95128-R M95128-DF
36/49
Doc ID 5798 Rev 16
Table 18.
DC characteristics (M95128-DF, device grade 6)
Symbol
Parameter
Test conditions in addition to those
defined in Table 11 and Table 12(1)
Min.
Max.
Unit
ILI
Input leakage
current
VIN = VSS or VCC
± 2
µA
ILO
Output leakage
current
S = VCC, voltage applied on Q = VSS or VCC
± 2
µA
ICC
Supply current
(Read)
VCC = 1.7V, C = 0.1VCC or 0.9 VCC,
at 5 MHz, Q = open
2mA
ICC0
(2)
Supply current
(Write)
VCC = 1.7 V, during tW, S = VCC
3mA
ICC1
Supply current
(Standby)
VCC = 1.7 V, S = VCC, VIN = VSS or VCC
1µA
VIL
Input low voltage
1.7 V
≤VCC < 2.5 V
–0.45
0.25 VCC
V
VIH
Input high voltage
1.7 V
≤VCC < 2.5 V
0.75 VCC
VCC+1
V
VOL
Output low voltage
IOL = 0.15 mA, VCC = 1.7 V
0.3
V
V
OH
Output high voltage
IOH = –0.1 mA, VCC = 1.7 V
0.8 VCC
V
1.
If the application uses the M95128-DF devices at 2.5 V
≤ VCC ≤ 5.5 V and –40 °C ≤TA ≤ +85 °C, please refer to Table 16:
DC characteristics (M95128-W, device grade 6), rather than to the above table.
2.
Characterized only, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com