Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-RMB6TG Datasheet(PDF) 38 Page - STMicroelectronics

Part # M95128-RMB6TG
Description  128-Kbit serial SPI bus EEPROM with high-speed clock
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RMB6TG Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M95128-RMB6TG Datasheet HTML 34Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 35Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 36Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 37Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 38Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 39Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 40Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 41Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
DC and AC parameters
M95128-W M95128-R M95128-DF
38/49
Doc ID 5798 Rev 16
Table 20.
AC characteristics (M95128-R, device grade 6)
Test conditions specified in Table 10 and Table 12
Symbol
Alt.
Parameter
Previous
products (1)
CL ≤100 pF
New products (2)
Unit
VCC ≥ 1.8V
CL ≤100 pF
VCC ≥ 2.5V
CL ≤30 pF
VCC ≥ 4.5V
CL ≤30 pF
Min.
Max.
Min.
Max. Min.
Max.
Min. Max.
fC
fSCK Clock frequency
2
5
10
20
MHz
tSLCH
tCSS1 S active setup time
200
60
30
15
ns
tSHCH
tCSS2 S not active setup time
200
60
30
15
ns
tSHSL
tCS
S deselect time
200
90
40
20
ns
tCHSH
tCSH S active hold time
200
60
30
15
ns
tCHSL
S not active hold time
200
60
30
15
ns
tCH
(3)
tCLH Clock high time
200
80
40
20
ns
tCL
(3)
tCLL Clock low time
200
80
40
20
ns
tCLCH
(4)
tRC
Clock rise time
1
2
2
2
µs
tCHCL
(4)
tFC
Clock fall time
1
2
2
2
µs
tDVCH
tDSU Data in setup time
40
20
10
5
ns
tCHDX
tDH
Data in hold time
50
20
10
10
ns
tHHCH
Clock low hold time after HOLD
not active
140
60
30
15
ns
tHLCH
Clock low hold time after HOLD
active
90
60
30
15
ns
tCLHL
Clock low setup time before HOLD
active
00
0
0
ns
tCLHH
Clock low setup time before HOLD
not active
00
0
0
ns
tSHQZ
(4)
tDIS Output disable time
250
80
40
20
ns
tCLQV
tV
Clock low to output valid
150
80
40
20
ns
tCLQX
tHO
Output hold time
0
0
0
0
ns
tQLQH
(4)
tRO
Output rise time
100
20
20
10
ns
tQHQL
(4)
tFO
Output fall time
100
20
20
10
ns
tHHQV
tLZ
HOLD high to output valid
100
80
40
20
ns
tHLQZ
(4)
tHZ
HOLD low to output High-Z
250
80
40
20
ns
tW
tWC Write time
5
5
5
5
ms
1.
Previous products are identified by process letters A.
2.
New products are the M95256 devices identified by process letter K.
3.
tCH + tCL must never be less than the shortest possible clock period, 1 / fC(max).
4.
Characterized only, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com