Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-RMB6TG Datasheet(PDF) 35 Page - STMicroelectronics

Part # M95128-RMB6TG
Description  128-Kbit serial SPI bus EEPROM with high-speed clock
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RMB6TG Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M95128-RMB6TG Datasheet HTML 31Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 32Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 33Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 34Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 35Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 36Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 37Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 38Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
M95128-W M95128-R M95128-DF
DC and AC parameters
Doc ID 5798 Rev 16
35/49
Table 17.
DC characteristics (M95128-R, device grade 6)
Symbol
Parameter
Test conditions in addition to those
defined in Table 10 and Table 12(1)
Min.
Max.
Unit
ILI
Input leakage
current
VIN = VSS or VCC
± 2
µA
ILO
Output leakage
current
S = VCC, voltage applied on Q = VSS or VCC
± 2
µA
ICC
Supply current
(Read)
VCC = 1.8V, C = 0.1VCC or 0.9 VCC,
at 2 MHz, Q = open
1(2)
mA
VCC = 1.8V, C = 0.1VCC or 0.9 VCC,
at 5 MHz, Q = open
2(3)
ICC0
(4)
Supply current
(Write)
VCC = 1.8 V, during tW, S = VCC
3mA
ICC1
Supply current
(Standby)
VCC = 1.8 V, S = VCC, VIN = VSS or VCC
1(5)
µA
VIL
Input low voltage
1.8 V
≤VCC < 2.5 V
–0.45
0.25 VCC
V
VIH
Input high voltage
1.8 V
≤VCC < 2.5 V
0.75 VCC
VCC+1
V
VOL
Output low voltage
IOL = 0.15 mA, VCC = 1.8 V
0.3
V
V
OH
Output high voltage
IOH = –0.1 mA, VCC = 1.8 V
0.8 VCC
V
1.
If the application uses the M95128-R device with 2.5 V < VCC < 5.5 V and -40 °C < TA < +85 °C, please refer to Table 16:
DC characteristics (M95128-W, device grade 6), rather than to the above table.
2.
Value tested only for previous M95128 devices identified by process letter A.
3.
Only for M95128 devices identified by process letter K.
4.
Characterized only, not tested in production.
5.
3 µA for previous M95128 devices identified by process letter A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com