Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95128-RMB6TG Datasheet(PDF) 28 Page - STMicroelectronics

Part # M95128-RMB6TG
Description  128-Kbit serial SPI bus EEPROM with high-speed clock
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-RMB6TG Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M95128-RMB6TG Datasheet HTML 24Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 25Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 26Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 27Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 28Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 29Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 30Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 31Page - STMicroelectronics M95128-RMB6TG Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
Instructions
M95128-W M95128-R M95128-DF
28/49
Doc ID 5798 Rev 16
6.9
Read Lock Status (available only in M95128-D devices)
The Read Lock Status instruction (see Table 4) is used to check whether the Identification
Page is locked or not in Read-only mode. The Read Lock Status sequence is defined with
the Chip Select (S) first driven low. The bits of the instruction byte and address bytes are
then shifted in on Serial Data Input (D). Address bit A10 must be 1, all other address bits are
Don't Care. The Lock bit is the LSB (least significant bit) of the byte read on Serial Data
Output (Q). It is at “1” when the lock is active and at “0” when the lock is not active. If Chip
Select (S) continues to be driven low, the same data byte is shifted out. The read cycle is
terminated by driving Chip Select (S) high.
The instruction sequence is shown in Figure 17.
Figure 17.
Read Lock Status sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com