Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB45NF06T4 Datasheet (PDF) - STMicroelectronics

STB45NF06T4 Datasheet PDF - STMicroelectronics
Part # STB45NF06T4
Download  STB45NF06T4 Download
File Size   362.11 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 60 V, 0.023 廓, 38 A TO-220, D2PAK STripFETTM II Power MOSFET

STB45NF06T4 Datasheet (PDF)

Go To PDF Page Download Datasheet
STB45NF06T4 Datasheet PDF - STMicroelectronics

Part # STB45NF06T4
Download  STB45NF06T4 Click to download

File Size   362.11 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 60 V, 0.023 廓, 38 A TO-220, D2PAK STripFETTM II Power MOSFET

STB45NF06T4 Datasheet (HTML) - STMicroelectronics


STB45NF06T4 Product details

DESCRIPTION
This MOSFET is the latest development of STMicroelectronics unique “Single Feature Size™” strip-based process. The resulting transistor shows extremely high packing density for low on-resistance, rugged avalance characteristics and less critical alignment steps therefore a remarkable manufacturing reproducibility.

General Features
■ TYPICAL RDS(on) = 0.022Ω
■ EXCEPTIONAL dv/dt CAPABILITY
■ STANDARD THRESHOLD DRIVE
■ 100% AVALANCHE TESTED

APPLICATIONS
■ HIGH-EFFICIENCY DC-DC CONVERTERS
■ SOLENOID AND RELAY DRIVERS
■ DC-DC & DC-AC CONVERTERS




Similar Part No. - STB45NF06T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB45NF06T4 STMICROELECTRONICS-STB45NF06T4 Datasheet
362Kb / 15P
N-channel 60 V, 0.023 Ω, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
July 2010
More results


Similar Description - STB45NF06T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP60N06 ONSEMI-NTP60N06 Datasheet
85Kb / 10P
60 V, 60 A, N-Channel TO-220 and D2PAK
October, 2004 ??Rev. 3
logo
STMicroelectronics
STB12NM50N STMICROELECTRONICS-STB12NM50N_08 Datasheet
588Kb / 19P
N-channel 500 V, 0.29 Ω, 11 A MDmesh??II Power MOSFET TO-220 - DPAK - D2PAK - I2PAK - TO-220FP
24-Jul-2008
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
N-channel 55 V, 0.0062 Ω, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
01-Oct-2009
STB85NF55L STMICROELECTRONICS-STB85NF55L_09 Datasheet
937Kb / 14P
N-channel 55 V, 0.0060 Ω, 80 A, TO-220, D2PAK STripFET™II Power MOSFET
06-Aug-2009
STX8NM60N STMICROELECTRONICS-STX8NM60N Datasheet
706Kb / 19P
N-channel 600 V, 0.56 Ω,7 A MDmesh™II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
21-Nov-2008
STB45NF06 STMICROELECTRONICS-STB45NF06_10 Datasheet
362Kb / 15P
N-channel 60 V, 0.023 Ω, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
July 2010
STB80PF55 STMICROELECTRONICS-STB80PF55_10 Datasheet
348Kb / 16P
P-channel 55 V, 0.016 Ω, 80 A TO-220, D2PAK STripFET™ II Power MOSFET
09-Aug-2010
STB80PF55T4 STMICROELECTRONICS-STB80PF55T4 Datasheet
348Kb / 16P
P-channel 55 V, 0.016 廓, 80 A TO-220, D2PAK STripFETTM II Power MOSFET
09-Aug-2010
STB200N6F3 STMICROELECTRONICS-STB200N6F3 Datasheet
858Kb / 16P
N-channel 60 V, 3 m廓, 120 A D2PAK, TO-220, I2PAK STripFET??Power MOSFET
18-Nov-2009
logo
ON Semiconductor
NTB60N06 ONSEMI-NTB60N06 Datasheet
216Kb / 10P
MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com