Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB45NF06T4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB45NF06T4
Description  N-channel 60 V, 0.023 廓, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB45NF06T4 Datasheet(HTML) 1 Page - STMicroelectronics

  STB45NF06T4 Datasheet HTML 1Page - STMicroelectronics STB45NF06T4 Datasheet HTML 2Page - STMicroelectronics STB45NF06T4 Datasheet HTML 3Page - STMicroelectronics STB45NF06T4 Datasheet HTML 4Page - STMicroelectronics STB45NF06T4 Datasheet HTML 5Page - STMicroelectronics STB45NF06T4 Datasheet HTML 6Page - STMicroelectronics STB45NF06T4 Datasheet HTML 7Page - STMicroelectronics STB45NF06T4 Datasheet HTML 8Page - STMicroelectronics STB45NF06T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
July 2010
Doc ID 7433 Rev 5
1/15
15
STB45NF06
STP45NF06
N-channel 60 V, 0.023
Ω, 38 A TO-220, D2PAK
STripFETTM II Power MOSFET
Features
■ Exceptional dv/dt capability
■ Standard threshold drive
■ 100% avalanche tested
Applications
■ Switching application
Description
These devices are an N-channel Power MOSFET
realized with the latest development of
STMicroelectronis unique "single feature size"
strip-based process. The resulting transistors
show extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a
remarkable manufacturing reproducibility.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STP45NF06
60 V
<0.028
Ω
38 A
STB45NF06
60 V
<0.028
Ω
38 A
TO-220
D2PAK
1
2
3
1
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STP45NF06
P45NF06
TO-220
Tube
STB45NF06
B45NF06
D2PAK
Tape and reel
www.st.com


Similar Part No. - STB45NF06T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB45NF06T4 STMICROELECTRONICS-STB45NF06T4 Datasheet
362Kb / 15P
N-channel 60 V, 0.023 Ω, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
July 2010
More results

Similar Description - STB45NF06T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP60N06 ONSEMI-NTP60N06 Datasheet
85Kb / 10P
60 V, 60 A, N-Channel TO-220 and D2PAK
October, 2004 ??Rev. 3
logo
STMicroelectronics
STB12NM50N STMICROELECTRONICS-STB12NM50N_08 Datasheet
588Kb / 19P
N-channel 500 V, 0.29 Ω, 11 A MDmesh??II Power MOSFET TO-220 - DPAK - D2PAK - I2PAK - TO-220FP
24-Jul-2008
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
N-channel 55 V, 0.0062 Ω, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
01-Oct-2009
STB85NF55L STMICROELECTRONICS-STB85NF55L_09 Datasheet
937Kb / 14P
N-channel 55 V, 0.0060 Ω, 80 A, TO-220, D2PAK STripFET™II Power MOSFET
06-Aug-2009
STX8NM60N STMICROELECTRONICS-STX8NM60N Datasheet
706Kb / 19P
N-channel 600 V, 0.56 Ω,7 A MDmesh™II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
21-Nov-2008
STB45NF06 STMICROELECTRONICS-STB45NF06_10 Datasheet
362Kb / 15P
N-channel 60 V, 0.023 Ω, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
July 2010
STB80PF55 STMICROELECTRONICS-STB80PF55_10 Datasheet
348Kb / 16P
P-channel 55 V, 0.016 Ω, 80 A TO-220, D2PAK STripFET™ II Power MOSFET
09-Aug-2010
STB80PF55T4 STMICROELECTRONICS-STB80PF55T4 Datasheet
348Kb / 16P
P-channel 55 V, 0.016 廓, 80 A TO-220, D2PAK STripFETTM II Power MOSFET
09-Aug-2010
STB200N6F3 STMICROELECTRONICS-STB200N6F3 Datasheet
858Kb / 16P
N-channel 60 V, 3 m廓, 120 A D2PAK, TO-220, I2PAK STripFET??Power MOSFET
18-Nov-2009
logo
ON Semiconductor
NTB60N06 ONSEMI-NTB60N06 Datasheet
216Kb / 10P
MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com