Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16C2550CP40 Datasheet (PDF) - Exar Corporation

ST16C2550CP40 Datasheet PDF - Exar Corporation
Part # ST16C2550CP40
Download  ST16C2550CP40 Download
File Size   821.84 Kbytes
Page   37 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Up to 4 Mbps with external clock of 64 MHz

ST16C2550CP40 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST16C2550CP40 Datasheet PDF - Exar Corporation

Part # ST16C2550CP40
Download  ST16C2550CP40 Click to download

File Size   821.84 Kbytes
Page   37 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Up to 4 Mbps with external clock of 64 MHz

ST16C2550CP40 Datasheet (HTML) - Exar Corporation




Similar Part No. - ST16C2550CP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C2550CP40 EXAR-ST16C2550CP40 Datasheet
443Kb / 34P
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550CP40 EXAR-ST16C2550CP40 Datasheet
661Kb / 39P
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results


Similar Description - ST16C2550CP40

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6359 NJRC-NJU6359 Datasheet
330Kb / 11P
SERIAL I/O REAL TIME CLOCK WITH WAKE-UP OUTPUT for EXTERNAL CLOCK
logo
List of Unclassifed Man...
ST-85540 ETC-ST-85540 Datasheet
114Kb / 1P
64 MBPS INTERFACE TRANSFORMERS
logo
QUARTZCOM the communica...
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
logo
ams AG
AS8223 AMSCO-AS8223 Datasheet
74Kb / 2P
Data transfer up to 10 Mbps
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
Input/Output clock frequency up to 160 MHz
logo
Rohm
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
379Kb / 19P
Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
logo
STMicroelectronics
M24C64-A125 STMICROELECTRONICS-M24C64-A125 Datasheet
608Kb / 40P
Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
16-Dec-2014
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
Up to 64 Kbytes of Flash memory
October 2016 Rev 5
logo
NXP Semiconductors
KE1XZP48M48SF0 NXP-KE1XZP48M48SF0 Datasheet
1Mb / 82P
Kinetis KE1xZ with up to 64 KB Flash
Rev. 3, 06/2020
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com