Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8223 Datasheet (PDF) - ams AG

AS8223 Datasheet PDF - ams AG
Part # AS8223
Download  AS8223 Download
File Size   74.52 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Data transfer up to 10 Mbps

AS8223 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS8223 Datasheet PDF - ams AG

Part # AS8223
Download  AS8223 Click to download

File Size   74.52 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Data transfer up to 10 Mbps

AS8223 Datasheet (HTML) - ams AG




Similar Part No. - AS8223

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8220 AMSCO-AS8220 Datasheet
2Mb / 34P
FlexRay Basis Transceiver
AS8220A AMSCO-AS8220A Datasheet
1Mb / 33P
FlexRay Basis Transceiver
AS8220A AMSCO-AS8220A Datasheet
2Mb / 34P
FlexRay Basis Transceiver
AS8220 AMSCO-AS8220_07 Datasheet
2Mb / 34P
FlexRay Basis Transceiver
AS8221 AMSCO-AS8221 Datasheet
61Kb / 2P
High Performance Bus Transceiver
More results


Similar Description - AS8223

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
NH13 A-DATA-NH13 Datasheet
611Kb / 1P
SuperSpeed USB 3.0 Interface:Delivers data transfer rates up to 5Gb/s.
logo
Epson Company
S2R72V18 EPSON-S2R72V18 Datasheet
389Kb / 37P
Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
S2R72V27 EPSON-S2R72V27 Datasheet
536Kb / 41P
Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
logo
Analog Devices
ADN2817ACPZ-RL7 AD-ADN2817ACPZ-RL7 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
logo
Level One
GEP-0520 LVL1-GEP-0520 Datasheet
689Kb / 3P
9K jumbo frames to increase data transfer rates
PFE-1001T LVL1-PFE-1001T Datasheet
1Mb / 3P
100 Mbps Data Transfer Rate
logo
Vecow Co., Ltd.
EXBC-1000 VECOW-EXBC-1000 Datasheet
890Kb / 2P
4-port USB 3.1 Gen 2 support up to 10Gbps data transfer
logo
Bel Fuse Inc.
SC-2CAKXXXM BEL-SC-2CAKXXXM Datasheet
790Kb / 2P
USB 2.0 can deliver up to 480 Mbps transfer speeds
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com