Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8223 Datasheet(PDF) 2 Page - ams AG

Part # AS8223
Description  Data transfer up to 10 Mbps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8223 Datasheet(HTML) 2 Page - ams AG

  AS8223 Datasheet HTML 1Page - ams AG AS8223 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Back to Top
Back to Top
Print Block diagram for AS8223 FlexRay™ Active Star Device
MLF 9x9 44 pin package
Applications
The AS8223 FlexRay™ Active Star Device is tailored for automotive gateways with embedded FlexRay Active Star
functionality. Connecting several devices to the Interstar interface enables the extension of the FlexRay branches to the
application needs.
Block diagram for AS8223 FlexRay™ Active Star Device
AS8223 FlexRay Active Star Device Blockdiagram
URL: www.austriamicrosystems.at/Products/Interfaces/FlexRay-Transceivers/AS8223
© 2011 austriamicrosystems AG. All Rights Reserved.
Page 2 of 2
12/23/2011.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com