Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8223 Datasheet(PDF) 1 Page - ams AG

Part # AS8223
Description  Data transfer up to 10 Mbps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8223 Datasheet(HTML) 1 Page - ams AG

  AS8223 Datasheet HTML 1Page - ams AG AS8223 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Back to Top
AS8223 FlexRay™ Active Star Device
AS8223 FlexRay™ Active Star Device
Description
The AS8223 is a monolithic FlexRay™ compliant Active Star device which manages communication traffic between the
communication controller interfacen and four FlexRay branches. It's also expandable to more branches through an
Interstar interface.
One of the communication paths is operating as receiver while the others operate as transmitters. The four branches of the
AS8223 consist of a FlexRay™ receiver and transmitters which support the bus wake-up function.
Additionally, the AS8223 comes with a Host Controller Interface to achieve active control of the power modes and error
diagnosis. An autonomous mode is entered automatically, in which the device operates without the need for a host
controller. The built in communication controller interface provides the standard transceiver functionality on the ECU using
the AS8223.
The FlexRay™ Active Star Device is available in MLF 9x9 44 pin package.
Key Features
Active Star device with 6 communication paths (four FlexRay branches, Communication Controller Interface and
Interstar interface)
Message forwarding upon all communication paths
Data transfer up to 10 Mbps
Compliant with FlexRay Electrical Physical Layer Specification V2.1 Rev B
Excellent EMC performance
Low susceptibility to EMI
High end diagnostic capabilities for detecting faults on the bus lines
Interface with bus guardian for bus supervision
Automatic thermal shutdown protection
Supports 12V and 24V systems with very low sleep current
Integrated power management system
Two INH pins for the external voltage regulators control
Local wake-up input
Remote wake-up capability via FlexRay branches
Supports Autonomous Power Mode and Host Controlled Power Mode management
Supports 2.5, 3, 3.3 and 5 V microcontrollers and automatically adapts to interface levels
VCC supply voltage buffer for fail-safe conditions
Protection against damage due to short circuit conditions on the FlexRay branches (positive and negative battery
voltage)
Operating ambient temperature range -40°C to +125°C Pb free
Page 1 of 2
12/23/2011


Similar Part No. - AS8223

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8220 AMSCO-AS8220 Datasheet
2Mb / 34P
FlexRay Basis Transceiver
AS8220A AMSCO-AS8220A Datasheet
1Mb / 33P
FlexRay Basis Transceiver
AS8220A AMSCO-AS8220A Datasheet
2Mb / 34P
FlexRay Basis Transceiver
AS8220 AMSCO-AS8220_07 Datasheet
2Mb / 34P
FlexRay Basis Transceiver
AS8221 AMSCO-AS8221 Datasheet
61Kb / 2P
High Performance Bus Transceiver
More results

Similar Description - AS8223

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
NH13 A-DATA-NH13 Datasheet
611Kb / 1P
SuperSpeed USB 3.0 Interface:Delivers data transfer rates up to 5Gb/s.
logo
Epson Company
S2R72V18 EPSON-S2R72V18 Datasheet
389Kb / 37P
Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
S2R72V27 EPSON-S2R72V27 Datasheet
536Kb / 41P
Supports HS (480 Mbps), FS (12 Mbps), and LS (1.5 Mbps) transfer
logo
Analog Devices
ADN2817ACPZ-RL7 AD-ADN2817ACPZ-RL7 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
logo
Level One
GEP-0520 LVL1-GEP-0520 Datasheet
689Kb / 3P
9K jumbo frames to increase data transfer rates
PFE-1001T LVL1-PFE-1001T Datasheet
1Mb / 3P
100 Mbps Data Transfer Rate
logo
Vecow Co., Ltd.
EXBC-1000 VECOW-EXBC-1000 Datasheet
890Kb / 2P
4-port USB 3.1 Gen 2 support up to 10Gbps data transfer
logo
Bel Fuse Inc.
SC-2CAKXXXM BEL-SC-2CAKXXXM Datasheet
790Kb / 2P
USB 2.0 can deliver up to 480 Mbps transfer speeds
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com