Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC908AP32CFBE Datasheet (PDF) - Freescale Semiconductor, Inc

MC908AP32CFBE Datasheet PDF - Freescale Semiconductor, Inc
Part # MC908AP32CFBE
Download  MC908AP32CFBE Download
File Size   1428.16 Kbytes
Page   324 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description The following revision history table summarizes changes contained in this document. For your convenience, the page number designators have been linked to the appropriate location.

MC908AP32CFBE Datasheet (PDF)

Go To PDF Page Download Datasheet
MC908AP32CFBE Datasheet PDF - Freescale Semiconductor, Inc

Part # MC908AP32CFBE
Download  MC908AP32CFBE Click to download

File Size   1428.16 Kbytes
Page   324 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description The following revision history table summarizes changes contained in this document. For your convenience, the page number designators have been linked to the appropriate location.

MC908AP32CFBE Datasheet (HTML) - Freescale Semiconductor, Inc


MC908AP32CFBE Product details

General Description
1.1 Introduction
The MC68HC908AP64 is a member of the low-cost, high-performance M68HC08 Family of 8-bit
microcontroller units (MCUs). All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types.

1.2 Features
Features of the MC68HC908AP64 include the following:
• High-performance M68HC08 architecture
• Fully upward-compatible object code with M6805, M146805, and M68HC05 Families
• Maximum internal bus frequency:
– 8-MHz at 5V or 3V operating voltage
• Clock input options:
– RC-oscillator
– 32-kHz crystal-oscillator with 32MHz internal PLL
• User program FLASH memory with security
– 62,368 bytes for MC68HC908AP64
– 32,768 bytes for MC68HC908AP32
– 16,384 bytes for MC68HC908AP16
– 8,192 bytes for MC68HC908AP8
• On-chip RAM
– 2,048 bytes for MC68HC908AP64 and MC68HC908AP32
– 1,024 bytes for MC68HC908AP16 and MC68HC908AP8
• Two 16-bit, 2-channel timer interface modules (TIM1 and TIM2) with selectable input capture,
output compare, and PWM capability on each channel
• Timebase module
• Serial communications interface module 1 (SCI)
• Serial communications interface module 2 (SCI) with infrared (IR) encoder/decoder
• Serial peripheral interface module (SPI)
• System management bus (SMBus), version 1.0/1.1 (multi-master IIC bus)
• 8-channel, 10-bit analog-to-digital converter (ADC)
• IRQ1 external interrupt pin with integrated pullup
• IRQ2 external interrupt pin with programmable pullup
• 8-bit keyboard wakeup port with integrated pullup
• 32 general-purpose input/output (I/O) pins:
– 31 shared-function I/O pins
– 8 LED drivers (sink)
–6×25mA open-drain I/O with pullup
• Low-power design (fully static with stop and wait modes)
• Master reset pin (with integrated pullup) and power-on reset
• System protection features
– Optional computer operating properly (COP) reset, driven by internal RC oscillator
– Low-voltage detection with optional reset or interrupt
– Illegal opcode detection with reset
– Illegal address detection with reset
• 48-pin low quad flat pack (LQFP), 44-pin quad flat pack (QFP), and 42-pin shrink dual-in-line
package (SDIP)
• Specific features of the MC68HC908AP64 in 42-pin SDIP are:
– 30 general-purpose l/Os only
– External interrupt onIRQ1 only
Features of the CPU08 include the following:
• Enhanced HC05 programming model
• Extensive loop control functions
• 16 addressing modes (eight more than the HC05)
• 16-bit Index register and stack pointer
• Memory-to-memory data transfers
• Fast 8×8 multiply instruction
• Fast 16/8 divide instruction
• Binary-coded decimal (BCD) instructions
• Optimization for controller applications
• Efficient C language support




Similar Part No. - MC908AP32CFBE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC908AP32ACB FREESCALE-MC908AP32ACB Datasheet
1Mb / 316P
Microcontrollers
MC908AP32ACB FREESCALE-MC908AP32ACB Datasheet
1Mb / 316P
M68HC08 Microcontrollers
MC908AP32ACFA FREESCALE-MC908AP32ACFA Datasheet
1Mb / 316P
Microcontrollers
MC908AP32ACFA FREESCALE-MC908AP32ACFA Datasheet
1Mb / 316P
M68HC08 Microcontrollers
MC908AP32ACFB FREESCALE-MC908AP32ACFB Datasheet
1Mb / 316P
Microcontrollers
More results


Similar Description - MC908AP32CFBE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08AC60CFUE FREESCALE-MC9S08AC60CFUE Datasheet
2Mb / 350P
The following revision history table summarizes changes contained in this document. For your convenience, the page number designators have been linked to the appropriate location.
MC705C9ACPE FREESCALE-MC705C9ACPE Datasheet
676Kb / 118P
The following revision history table summarizes changes contained in this document. For your convenience, the page number designators have been linked to the appropriate location.
MCR908JK3ECDWE FREESCALE-MCR908JK3ECDWE Datasheet
1Mb / 180P
The following revision history table summarizes changes contained in this document. For your convenience, the page number designators have been linked to the appropriate location.
MC908MR16CBE FREESCALE-MC908MR16CBE Datasheet
1Mb / 282P
The following revision history table summarizes changes contained in this document.
logo
Texas Instruments
TM4C1237H6PGE TI1-TM4C1237H6PGE Datasheet
6Mb / 1311P
The revision history table notes changes made between the indicated revisions of the
logo
Cyntec Co., Ltd.
CYNVA-175-002 CYNTEC-CYNVA-175-002 Datasheet
969Kb / 8P
The history of revision change for the specification
CYNVA-175-003 CYNTEC-CYNVA-175-003 Datasheet
983Kb / 9P
The history of revision change for the specification
CYNVC-19X-030 CYNTEC-CYNVC-19X-030 Datasheet
998Kb / 8P
The history of revision change for the specification
CYNVC-19X-031 CYNTEC-CYNVC-19X-031 Datasheet
971Kb / 8P
The history of revision change for the specification
CYNVC-19X-032 CYNTEC-CYNVC-19X-032 Datasheet
1Mb / 9P
The history of revision change for the specification
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com