Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8251A Datasheet (PDF) - Rochester Electronics

8251A Datasheet PDF - Rochester Electronics
Part # 8251A
Download  8251A Download
File Size   642.46 Kbytes
Page   11 Pages
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics
Description PROGRAMMABLE COMMUNICATION INTERFACE 28-Pin DIP Package

8251A Datasheet (PDF)

Go To PDF Page Download Datasheet
8251A Datasheet PDF - Rochester Electronics

Part # 8251A
Download  8251A Click to download

File Size   642.46 Kbytes
Page   11 Pages
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics
Description PROGRAMMABLE COMMUNICATION INTERFACE 28-Pin DIP Package

8251A Datasheet (HTML) - Rochester Electronics


8251A Product details

The  8251A  is  the  industry  standard  Universal  Synchronous/Asynchronous  Receiver/Transmitter  (USART) designed for data communications with microprocessor families such as MCS-48, 80, 85, and iAPX 86, 88. The 8251A is used as a peripheral device and is programmed by the CPU to operate using virtually any serial data transmission technique presently in use (including IBM “bi-sync”). The USART accepts data characters from the CPU in parallel format and then converts them into a continuous serial data stream for transmission.

Simultaneously, it can receive serial data streams and convert them into parallel data characters for the CPU. The USART will signal the CPU whenever it can accept a new character for transmission or whenever it has received a character for the CPU. The CPU can read the complete status of the USART at any time. These include data transmission errors and control signals such as SYNDET, TxEMPTY. The chip is fabricated using Intel’s high performance HMOS technology.




Similar Part No. - 8251A

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8251A INTEL-8251A Datasheet
785Kb / 25P
PROGRAMMABLE COMMUNICATION INTERFACE
More results


Similar Description - 8251A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C51A TOSHIBA-TMP82C51A Datasheet
736Kb / 36P
PROGRAMMABLE COMMUNICATION INTERFACE
logo
Dynex Semiconductor
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
Radiation hard Programmable Communication Interface
logo
InnovASIC, Inc
IA8251 INNOVASIC-IA8251 Datasheet
45Kb / 4P
Programmable Communication Interface
logo
Intel Corporation
8251A INTEL-8251A Datasheet
785Kb / 25P
PROGRAMMABLE COMMUNICATION INTERFACE
logo
List of Unclassifed Man...
COM2661 ETC1-COM2661 Datasheet
1Mb / 12P
Enhanced Programmable Communication Interface EPCI
logo
National Semiconductor ...
INS8251 NSC-INS8251 Datasheet
258Kb / 8P
PROGRAMMABLE COMMUNICATION INTERFACE
logo
ACCUTEK MICROCIRCUIT CO...
AK28D300-SOIC ACCUTEK-AK28D300-SOIC_13 Datasheet
1Mb / 5P
28 Pin DIP Adapters
logo
List of Unclassifed Man...
PA28-28 ETC2-PA28-28 Datasheet
30Kb / 1P
28 pin PLCC socket/28 pin DIP 0.6??plug
PA28-28-DP ETC2-PA28-28-DP Datasheet
32Kb / 1P
28 pin DIP ZIF socket/28 pin PLCC plug
PA28SS-P55 ETC2-PA28SS-P55 Datasheet
28Kb / 1P
28 Pin SSOP socket/28 Pin DIP 0.6??plug
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com