Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8251A Datasheet (PDF) - Intel Corporation

8251A Datasheet PDF - Intel Corporation
Part # 8251A
Download  8251A Download
File Size   785.59 Kbytes
Page   25 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description PROGRAMMABLE COMMUNICATION INTERFACE

8251A Datasheet (PDF)

Go To PDF Page Download Datasheet
8251A Datasheet PDF - Intel Corporation

Part # 8251A
Download  8251A Click to download

File Size   785.59 Kbytes
Page   25 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description PROGRAMMABLE COMMUNICATION INTERFACE

8251A Datasheet (HTML) - Intel Corporation


8251A Product details

PROGRAMMABLE COMMUNICATION INTERFACE



The Intel® 8251A  is  the  industry  standard  Universal  Synchronous/Asynchronous  Receiver/Transmitter  (USART) designed for data communications with microprocessor families such as MCS-48, 80, 85, and iAPX 86, 88. The 8251A is used as a peripheral device and is programmed by the CPU to operate using virtually any serial data transmission technique presently in use (including IBM “bi-sync”). The USART accepts data characters from the CPU in parallel format and then converts them into a continuous serial data stream for transmission.

Simultaneously, it can receive serial data streams and convert them into parallel data characters for the CPU. The USART will signal the CPU whenever it can accept a new character for transmission or whenever it has received a character for the CPU. The CPU can read the complete status of the USART at any time. These include data transmission errors and control signals such as SYNDET, TxEMPTY. The chip is fabricated using Intel’s high performance HMOS technology.




Similar Part No. - 8251A

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
8251A ROCHESTER-8251A Datasheet
642Kb / 11P
PROGRAMMABLE COMMUNICATION INTERFACE 28-Pin DIP Package
More results


Similar Description - 8251A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP82C51A TOSHIBA-TMP82C51A Datasheet
736Kb / 36P
PROGRAMMABLE COMMUNICATION INTERFACE
logo
Dynex Semiconductor
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
Radiation hard Programmable Communication Interface
logo
InnovASIC, Inc
IA8251 INNOVASIC-IA8251 Datasheet
45Kb / 4P
Programmable Communication Interface
logo
List of Unclassifed Man...
S6551 ETC-S6551 Datasheet
1Mb / 8P
ASYNCHRONOUS COMMUNICATION INTERFACE ADAPTER
UM68681 ETC1-UM68681 Datasheet
58Kb / 1P
Asynchronous Communication Interface Adapter
COM2661 ETC1-COM2661 Datasheet
1Mb / 12P
Enhanced Programmable Communication Interface EPCI
logo
Toshiba Semiconductor
TMP8251AP TOSHIBA-TMP8251AP Datasheet
232Kb / 18P
ROGRAMMABL COMMUNICATION INTERFACE
logo
National Semiconductor ...
INS8251 NSC-INS8251 Datasheet
258Kb / 8P
PROGRAMMABLE COMMUNICATION INTERFACE
logo
Rochester Electronics
8251A ROCHESTER-8251A Datasheet
642Kb / 11P
PROGRAMMABLE COMMUNICATION INTERFACE 28-Pin DIP Package
logo
Linear Dimensions Semic...
DC2159A LINEAR_DIMENSIONS-DC2159A Datasheet
420Kb / 6P
FMC Communication Interface
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com