Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CA3080 Datasheet (PDF) - Rochester Electronics

CA3080 Datasheet PDF - Rochester Electronics
Part # CA3080
Download  CA3080 Download
File Size   609.33 Kbytes
Page   4 Pages
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics
Description 2MHz, Operational Transcondictance Amplifier (OTA) Slew Rate

CA3080 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA3080 Datasheet PDF - Rochester Electronics

Part # CA3080
Download  CA3080 Click to download

File Size   609.33 Kbytes
Page   4 Pages
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics
Description 2MHz, Operational Transcondictance Amplifier (OTA) Slew Rate

CA3080 Datasheet (HTML) - Rochester Electronics


CA3080 Product details

The CA3080 and CA3080A types are Gatable-Gain Blocks which utilize the unique operational-transconductance amplifier (OTA) concept described in Application Note AN6668, “Applications of the CA3080 and CA3080A High Performance Operational Transconductance Amplifiers”. The CA3080 and CA3080A types have differential input and a single-ended, push-pull, class A output. In addition, these types have an amplifier bias input which may be used either for gating or for linear gain control. These types also have a high output impedance and their transconductance (gM) is directly proportional to the amplifier bias current (IABC).

Features
• Slew Rate (Unity Gain, Compensated) . . . . . . . . . 50V/µs
• Adjustable Power Consumption. . . . . . . . . . . . .10µW to 30µW
• Flexible Supply Voltage Range. . . . . . . . . . . . . ±2V to ±15V
• Fully Adjustable Gain . . . . . . . . . . . . . . . . .0 to gMRL Limit
• Tight gM Spread:
- CA3080. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2:1
- CA3080A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6:1
• Extended gM Linearity . . . . . . . . . . . . . . . . . . . 3 Decades

Applications
• Sample and Hold
• Multiplier
• Multiplexer
• Comparator
• Voltage Follower




Similar Part No. - CA3080

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3080 INTERSIL-CA3080 Datasheet
942Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
August 2004
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
logo
List of Unclassifed Man...
CA3080 ETC2-CA3080 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Intersil Corporation
CA3080A INTERSIL-CA3080A Datasheet
880Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
September 1998
More results


Similar Description - CA3080

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
High slew rate operational amplifier
August 31, 1994
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
September 1998
HA-2500883 INTERSIL-HA-2500883 Datasheet
193Kb / 7P
Precision High Slew Rate Operational Amplifier
September 2004
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
High Slew Rate Operational Amplifier
September 1998
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
August 2004
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
High Slew Rate Operational Amplifier
January 3, 2006
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
2MHz, Operational Transconductance Amplifier (OTA)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com