Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD679JNZ Datasheet (PDF) - Analog Devices

AD679JNZ Datasheet PDF - Analog Devices
Part # AD679JNZ
Download  AD679JNZ Download
File Size   161.48 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit 128 kSPS Complete Sampling ADC

AD679JNZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD679JNZ Datasheet PDF - Analog Devices

Part # AD679JNZ
Download  AD679JNZ Click to download

File Size   161.48 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Bit 128 kSPS Complete Sampling ADC

AD679JNZ Datasheet (HTML) - Analog Devices


AD679JNZ Product details

GENERAL DESCRIPTION
The AD679 is a complete, multipurpose 14-bit monolithic analog-to-digital converter, consisting of a sample-and-hold amplifier (SHA), a microprocessor-compatible bus interface, a voltage reference, and clock generation circuitry.

FEATURES
   AC and DC Characterized and Specified
      (K, B, T Grades)
   128k Conversions per Second
   1 MHz Full Power Bandwidth
   500 kHz Full Linear Bandwidth
   78 dB S/N+D (K, B, T Grades)
   Twos Complement Data Format (Bipolar Mode)
   Straight Binary Data Format (Unipolar Mode)
   10 MΩ Input Impedance
   8-Bit Bus Interface
   On-Board Reference and Clock
   10 V Unipolar or Bipolar Input Range
   Pin Compatible with AD678 12-Bit, 200 kSPS ADC
   MIL-STD-883 Compliant Versions Available




Similar Part No. - AD679JNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD679JN AD-AD679JN Datasheet
360Kb / 12P
14-Bit 128 kSPS Complete Sampling ADC
AD679JN AD-AD679JN Datasheet
161Kb / 16P
14-Bit 128 kSPS Complete Sampling ADC
REV. D
More results


Similar Description - AD679JNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD678 AD-AD678 Datasheet
311Kb / 14P
12-Bit 200 kSPS Complete Sampling ADC
AD679 AD-AD679 Datasheet
360Kb / 12P
14-Bit 128 kSPS Complete Sampling ADC
AD779 AD-AD779 Datasheet
220Kb / 12P
14-Bit 128 kSPS Complete Sampling ADC
REV.B
AD679 AD-AD679_04 Datasheet
161Kb / 16P
14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD7863 AD-AD7863 Datasheet
1Mb / 24P
Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD1679 AD-AD1679_15 Datasheet
4Mb / 12P
14 BIT 100 KSPS COMPLETE SAMPLING ADC
AD678 AD-AD678_15 Datasheet
305Kb / 14P
12-Bit 200 kSPS Complete Sampling ADC
REV. C
AD679 AD-AD679_15 Datasheet
161Kb / 16P
14-Bit 128 kSPS Complete Sampling ADC
REV. D
AD7863 AD-AD7863_15 Datasheet
1Mb / 24P
Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD7863 AD-AD7863_17 Datasheet
453Kb / 25P
Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com