Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7863 Datasheet (PDF) - Analog Devices

AD7863 Datasheet PDF - Analog Devices
Part # AD7863
Download  AD7863 Download
File Size   1061.31 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Simultaneous Sampling Dual 175 kSPS 14-Bit ADC

AD7863 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7863 Datasheet PDF - Analog Devices

Part # AD7863
Download  AD7863 Click to download

File Size   1061.31 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Simultaneous Sampling Dual 175 kSPS 14-Bit ADC

AD7863 Datasheet (HTML) - Analog Devices


AD7863 Product details

GENERAL DESCRIPTION
The AD7863 is a high speed, low power, dual 14-bit analog-to-digital converter that operates from a single 5 V supply.

FEATURES
    Two fast 14-bit ADCs
    Four input channels
    Simultaneous sampling and conversion
    5.2 μs conversion time
    Single supply operation
    Selection of input ranges
        ±10 V for AD7863-10
        ±2.5 V for AD7863-3
        0 V to 2.5 V for AD7863-2
    High speed parallel interface
    Low power, 70 mW typical
    Power saving mode, 105 μW maximum
    Overvoltage protection on analog inputs
    14-bit lead compatible upgrade to AD7862




Similar Part No. - AD7863

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7863 AD-AD7863 Datasheet
453Kb / 25P
Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
23-Feb-2017
AD7863AR-10 AD-AD7863AR-10 Datasheet
453Kb / 25P
Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
23-Feb-2017
AD7863AR-10REEL AD-AD7863AR-10REEL Datasheet
453Kb / 25P
Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
23-Feb-2017
AD7863AR-2 AD-AD7863AR-2 Datasheet
453Kb / 25P
Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
23-Feb-2017
AD7863AR-2REEL AD-AD7863AR-2REEL Datasheet
453Kb / 25P
Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
23-Feb-2017
More results


Similar Description - AD7863

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7862 AD-AD7862 Datasheet
417Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-2 AD-AD7862ARSZ-2 Datasheet
331Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_15 Datasheet
417Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7863 AD-AD7863_15 Datasheet
1Mb / 24P
Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD7863 AD-AD7863_17 Datasheet
453Kb / 25P
Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
23-Feb-2017
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com