Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82573E Datasheet (PDF) - Intel Corporation

82573E Datasheet PDF - Intel Corporation
Part # 82573E
Download  82573E Download
File Size   149.3 Kbytes
Page   4 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description High-performance Gigabit Network Connectivity with Intel짰 Active Management Technology

82573E Datasheet (PDF)

Go To PDF Page Download Datasheet
82573E Datasheet PDF - Intel Corporation

Part # 82573E
Download  82573E Click to download

File Size   149.3 Kbytes
Page   4 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description High-performance Gigabit Network Connectivity with Intel짰 Active Management Technology

82573E Datasheet (HTML) - Intel Corporation


82573E Product details

Introduction
82573 GbE controllers are single, compact components with integrated Gigabit Ethernet Media Access Control (MAC) and Physical Layer (PHY) functions. These devices use PCIe* architecture (Revision 1.0a). For desktop, workstation, and value server network designs with critical space constraints, the 82573 enables a GbE implementation in a very small area.

Product Features
■ PCIe*
    — x1 PCIe* interface on ICH7 or MCH devices
    — Peak bandwidth: 2 Gb/s per direction
    — Power management
    — High bandwidth density per pin
■ MAC
    — Optimized transmit and receive queues
    — IEEE 802.3x compliant flow control with software controlled pause times and threshold values
    — Caches up to 64 packet descriptors per queue
    — Programmable host memory receive buffers (256 bytes to 16 KB) and cache line size (16 bytes to 256 bytes)
    — 32 KB configurable transmit and receive FIFO buffer
    — Mechanism available for reducing interrupts generated by transmit and receive operation
    — Descriptor ring management hardware for transmit and receive
    — Optimized descriptor fetching and write-back mechanisms
    — Wide, pipelined internal data path architecture
■ PHY
    — Integrated PHY for 10/100/1000 Mb/s full and half duplex operation
    — IEEE 802.3ab auto negotiation support
    — IEEE 802.3ab PHY compliance and compatibility
    — DSP architecture implements digital adaptive equalization, echo cancellation, and cross-talk cancellation
■ Host Offloading
    — Transmit and receive IP, TCP and UDP checksum off-loading capabilities
    — Transmit TCP segmentation, IPv6 offloading, and advanced packet filtering
    — IEEE 802.1q VLAN support with VLAN tag insertion, stripping and packet filtering for up to 4096 VLAN tags
    — Descriptor ring management hardware for transmit and receive
■ Manageability
    — Intel® Active Management Technology (Intel® AMT) support (82573E only)
    — Alerting Standards Format 2.0 and advanced pass through support (82573E/V only)
    — Boot ROM Preboot eXecution Environment (PXE) Flash interface support
    — Compliance with PCI Power Management 1.1 and Advanced Configuration and Power Interface (ACPI) 2.0 register set compliant
    — Wake on LAN support
■ Additional
    — Three activity and link indication outputs that directly drive LEDs
    — Programmable LEDs
    — Internal PLL for clock generation that can use a 25 MHz crystal
    — Power saving feature for the 82573L. During the L1 and L2 link states, the 82573L asserts the Clock Request signal (CLKREQ#) to indicate that its PCIe* reference clock can be gated
    — On-chip power control circuitry
    — Loopback capabilities
    — JTAG (IEEE 1149.1) Test Access Port (TAP) built in silicon
■ Technology
    — Lead-free 196-pin Thin and Fine Pitch Ball Grid Array (TF-BGA) package
    — Operating temperature: 0° C to 70° C (with external regulators)
    — Operating temperature: 0° to 55° C (with ondie 2.5V regulator)
    — Storage temperature -40° C to 125° C




Similar Part No. - 82573E

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82573E INTEL-82573E Datasheet
215Kb / 2P
Intel짰 945G Express and Intel짰 945GC Express Chipsets for Embedded Computing
More results


Similar Description - 82573E

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACRG CALMIRCO-PACRG Datasheet
88Kb / 3P
P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK
logo
Intel Corporation
82567LM INTEL-82567LM Datasheet
307Kb / 4P
High-performance Gigabit Network Connectivity with Support for Intel짰 vPro??technology and Intel짰 Viiv??technology
82572EI INTEL-82572EI Datasheet
156Kb / 4P
High-performance Gigabit Network Connectivity for Servers and Embedded System Designs
82574L INTEL-82574L Datasheet
744Kb / 4P
Low-Power, Small-Footprint, Single-Port Gigabit Network Connectivity with Advanced Performance Features
82579GBE INTEL-82579GBE Datasheet
667Kb / 2P
High-performance Gigabit Network Connectivity with Support for Intel짰 vPro??technology.
I211-AT INTEL-I211-AT Datasheet
195Kb / 5P
Low-power, small-footprint, single-port gigabit network connectivity with advanced performance features.
logo
List of Unclassifed Man...
RC-4-B ETC2-RC-4-B Datasheet
1,014Kb / 6P
High-End Core Modules with Wired and Wireless Network Connectivity
logo
Red Lion Controls. Inc
SLX-3EG REDLION-SLX-3EG Datasheet
359Kb / 2P
SlimLine Plus Gigabit Industrial Connectivity
MIL312 REDLION-MIL312 Datasheet
742Kb / 4P
Military-Rated Gigabit Industrial Connectivity
logo
WIZnet Co., Ltd
W5300 WIZNET-W5300 Datasheet
2Mb / 128P
High-Performance Internet Connectivity Solution
Version 1.3.1
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com