Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82574L Datasheet (PDF) - Intel Corporation

82574L Datasheet PDF - Intel Corporation
Part # 82574L
Download  82574L Download
File Size   744.53 Kbytes
Page   4 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Low-Power, Small-Footprint, Single-Port Gigabit Network Connectivity with Advanced Performance Features

82574L Datasheet (PDF)

Go To PDF Page Download Datasheet
82574L Datasheet PDF - Intel Corporation

Part # 82574L
Download  82574L Click to download

File Size   744.53 Kbytes
Page   4 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Low-Power, Small-Footprint, Single-Port Gigabit Network Connectivity with Advanced Performance Features

82574L Datasheet (HTML) - Intel Corporation


82574L Product details

Introduction

The 82574 family (82574L and 82574IT) are single, compact, low power components that offer a fully-integrated Gigabit Ethernet Media Access Control (MAC) and Physical Layer (PHY) port. The 82574 uses the PCI Express* (PCIe*) architecture and provides a single-port implementation in a relatively small area so it can be used for server and client configurations as a LAN on Motherboard (LOM) design. The 82574 family can also be used in embedded applications such as switch add-on cards and network appliances.



External interfaces provided on the 82574:

• PCIe Rev. 1.1 (2.5 GHz) x1

• MDI (Copper) standard IEEE 802.3 Ethernet interface for 1000BASE-T, 100BASE-TX, and 10BASE-T applications (802.3, 802.3u, and 802.3ab)

• NC-SI or SMBus connection to a Manageability Controller (MC)

• IEEE 1149.1 JTAG (note that BSDL testing is NOTsupported)



Additional product details:

• 9 mm x 9 mm 64-pin QFN package

• Support for PCI 3.0 Vital Product Data (VPD)

• IPMI MC pass through; multi-drop NC-SI

• TimeSync offload compliant with 802.1as specification



 




Similar Part No. - 82574L

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8257 INTEL-8257 Datasheet
360Kb / 7P
PROGRAMMABLE DMA CONTROLLER
82571EB INTEL-82571EB Datasheet
334Kb / 4P
Gigabit Ethernet Controller
82572EI INTEL-82572EI Datasheet
334Kb / 4P
Gigabit Ethernet Controller
82572EI INTEL-82572EI Datasheet
156Kb / 4P
High-performance Gigabit Network Connectivity for Servers and Embedded System Designs
82573 INTEL-82573 Datasheet
501Kb / 39P
GbE Controllers
More results


Similar Description - 82574L

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82567LM INTEL-82567LM Datasheet
307Kb / 4P
High-performance Gigabit Network Connectivity with Support for Intel짰 vPro??technology and Intel짰 Viiv??technology
82572EI INTEL-82572EI Datasheet
156Kb / 4P
High-performance Gigabit Network Connectivity for Servers and Embedded System Designs
82573E INTEL-82573E Datasheet
149Kb / 4P
High-performance Gigabit Network Connectivity with Intel짰 Active Management Technology
82579GBE INTEL-82579GBE Datasheet
667Kb / 2P
High-performance Gigabit Network Connectivity with Support for Intel짰 vPro??technology.
I211-AT INTEL-I211-AT Datasheet
195Kb / 5P
Low-power, small-footprint, single-port gigabit network connectivity with advanced performance features.
logo
XFMRS Inc.
XFGIG8K-CLXU1-4MS XFMRS-XFGIG8K-CLXU1-4MS Datasheet
146Kb / 2P
SINGLE PORT GIGABIT COMBO WITH LEDS
XFGIG8K-LCVXU1-4M XFMRS-XFGIG8K-LCVXU1-4M Datasheet
148Kb / 2P
SINGLE PORT GIGABIT COMBO WITH LEDS
logo
NXP Semiconductors
MCR20AVHM NXP-MCR20AVHM Datasheet
636Kb / 39P
Low power, high-performance 2.4 GHz IEEE 802.15.4 compliant transceiver with connectivity
Rev. 3.2, 07/2016
logo
Schneider Electric
BMXCRA31210 SCHNEIDER-BMXCRA31210 Datasheet
166Kb / 5P
Modicon X80 RIO Drop E/IP Performance - Service port - Advanced features
Apr 20, 2022
BMXCRA31210C SCHNEIDER-BMXCRA31210C Datasheet
168Kb / 5P
Coated Modicon X80 RIO Drop E/IP Performance - Service port - Advanced features
Apr 20, 2022
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com