Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC86-SN Datasheet (PDF) - Microchip Technology

93LC86-SN Datasheet PDF - Microchip Technology
Part # 93LC86-SN
Download  93LC86-SN Download
File Size   224.24 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single Supply with Programming Operation down to 2.5V

93LC86-SN Datasheet (PDF)

Go To PDF Page Download Datasheet
93LC86-SN Datasheet PDF - Microchip Technology

Part # 93LC86-SN
Download  93LC86-SN Click to download

File Size   224.24 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single Supply with Programming Operation down to 2.5V

93LC86-SN Datasheet (HTML) - Microchip Technology


93LC86-SN Product details

Description:

The Microchip Technology Inc. 93LC76/86 are 8K and 16K low voltage serial Electrically Erasable PROMs. The device memory is configured as x8 or x16 bits depending on the ORG pin setup. Advanced CMOS technology makes these devices ideal for low power nonvolatile memory applications. These devices also have a Program Enable (PE) pin to allow the user to write-protect the entire contents of the memory array. The 93LC76/86 is available in standard 8-pin PDIP and 8-pin surface mount SOIC packages.



Features:

• Single supply with programming operation down to 2.5V

• Low-power CMOS technology

   - 1 mA active current typical

   - 5 µA standby current (typical) at 3.0V

• ORG pin selectable memory configuration

   1024 x 8 or 512 x 16 bit organization (93LC76)

   2048 x 8 or 1024 x 16 bit organization (93LC86)

• Self-timed erase and write cycles (including auto-erase)

• Automatic ERAL before WRAL

• Power on/off data protection circuitry

• Industry standard 3-wire serial I/O

• Device status signal during erase/write cycles

• Sequential read function

• 1,000,000 erase/write cycles ensured

• Data retention > 200 years

• 8-pin PDIP/SOIC package

• Temperature ranges available

   - Commercial (C) 0°C to +70°C

   - Industrial (I) -40°C to +85°C



 




Similar Part No. - 93LC86-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC86-SN MICROCHIP-93LC86-SN Datasheet
86Kb / 12P
8K/16K 2.5V Microwire Serial EEPROM
1996
More results


Similar Description - 93LC86-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC128-ISN MICROCHIP-24LC128-ISN Datasheet
952Kb / 38P
Single Supply with Operation down to 1.7V for 24AA128/24FC128 devices, 2.5V for 24LC128 Devices
01/05/10
24LCS22A-ISNG MICROCHIP-24LCS22A-ISNG Datasheet
365Kb / 26P
Single Supply with Operation Down to 2.5V
01/02/08
24LCS52-ST MICROCHIP-24LCS52-ST Datasheet
822Kb / 36P
Single Supply with Operation Down to 1.8V
08/02/11
logo
Micross Components
AS8SF384K32 MICROSS-AS8SF384K32 Datasheet
185Kb / 14P
Operation with single 5V supply
logo
Hotchip Technology Co.,...
AT24C02 HOTCHIP-AT24C02 Datasheet
909Kb / 13P
Single supply with operation down to 1.8v
logo
Maxim Integrated Produc...
MAX98358 MAXIM-MAX98358 Datasheet
589Kb / 13P
2.5V to 5.5V Single-Supply Operation
19-3853; Rev 0; 2/17
MAX98356EVKIT MAXIM-MAX98356EVKIT Datasheet
2Mb / 20P
2.5V to 5.5V Single-Supply Operation
19-6408; Rev 0; 7/12
MAX98355EVKIT MAXIM-MAX98355EVKIT Datasheet
1Mb / 16P
2.5V to 5.5V Single-Supply Operation
19-6407; Rev 0; 7/12
MAX98309EVKIT MAXIM-MAX98309EVKIT Datasheet
1Mb / 8P
2.5V to 5.5V Single-Supply Operation
19-5979; Rev 0; 7/11
MAX98502EVKIT MAXIM-MAX98502EVKIT Datasheet
1Mb / 7P
2.5V to 5.5V Single-Supply Operation
19-6275; Rev 0; 4/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com