Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS52-ST Datasheet (PDF) - Microchip Technology

24LCS52-ST Datasheet PDF - Microchip Technology
Part # 24LCS52-ST
Download  24LCS52-ST Download
File Size   822.19 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single Supply with Operation Down to 1.8V

24LCS52-ST Datasheet (PDF)

Go To PDF Page Download Datasheet
24LCS52-ST Datasheet PDF - Microchip Technology

Part # 24LCS52-ST
Download  24LCS52-ST Click to download

File Size   822.19 Kbytes
Page   36 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single Supply with Operation Down to 1.8V

24LCS52-ST Datasheet (HTML) - Microchip Technology


24LCS52-ST Product details

Description:

The Microchip Technology Inc. 24AA52/24LCS52 (24XXX52*) is a 2 Kbit Electrically Erasable PROM capable of operation across a broad voltage range (1.8V to 5.5V). This device has a software write-protect feature for the lower half of the array, as well as an external pin that can be used to write-protect the entire array. The software write-protect feature is enabled by sending the device a special command. Once this feature has been enabled, it cannot be reversed. In addition to the software protect feature, there is a WP pin that can be used to write-protect the entire array, regardless of whether the software write-protect register has been written or not. This allows the system designer to protect none, half, or all of the array, depending on the application.



Features:

• Single Supply with Operation Down to 1.8V

• Low-Power CMOS Technology:

   - 1 mA active current, typical

   - 1 μA standby current, typical (I-temp)

• Organized as 1 Block of 256 Bytes (256 x 8)

• Software Write Protection for Lower 128 Bytes

• Hardware Write Protection for Entire Array

• 2-Wire Serial Interface Bus, I2C™ Compatible

• Schmitt Trigger Inputs for Noise Suppression

• Output Slope Control to Eliminate Ground Bounce

• 100 kHz (24AA52) and 400 kHz (24LCS52) Compatibility

• Self-Timed Write Cycle (including auto-erase)

• Page Write Buffer for up to 16 Bytes

• ESD Protection > 4,000V

• 1,000,000 Erase/Write Cycles

• Data Retention > 200 Years

• 8-Lead PDIP, SOIC, TSSOP, MSOP, DFN and TDFN Packages

• Pb-Free Finishes Available

• Available for Extended Temperature Ranges:

   - Industrial (I): -40°C to +85°C



 




Similar Part No. - 24LCS52-ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS52-/MC MICROCHIP-24LCS52-/MC Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24LCS52-/MCG MICROCHIP-24LCS52-/MCG Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24LCS52-/MS MICROCHIP-24LCS52-/MS Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24LCS52-/MSG MICROCHIP-24LCS52-/MSG Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
24LCS52-/P MICROCHIP-24LCS52-/P Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
More results


Similar Description - 24LCS52-ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS22A-ISNG MICROCHIP-24LCS22A-ISNG Datasheet
365Kb / 26P
Single Supply with Operation Down to 2.5V
01/02/08
93LC86-SN MICROCHIP-93LC86-SN Datasheet
224Kb / 22P
Single Supply with Programming Operation down to 2.5V
01/05/10
logo
Micross Components
AS8SF384K32 MICROSS-AS8SF384K32 Datasheet
185Kb / 14P
Operation with single 5V supply
logo
NXP Semiconductors
NE564 PHILIPS-NE564 Datasheet
150Kb / 9P
Operation with single 5V supply
1994 Aug 31
logo
Hotchip Technology Co.,...
AT24C02 HOTCHIP-AT24C02 Datasheet
909Kb / 13P
Single supply with operation down to 1.8v
logo
Maxim Integrated Produc...
MAX3580EVKIT MAXIM-MAX3580EVKIT Datasheet
376Kb / 7P
3.1V to 3.5V Single-Supply Operation
Rev 0; 7/07
MAX20429EVKIT MAXIM-MAX20429EVKIT Datasheet
576Kb / 12P
Single Supply Operation with 3.0V to 5.5V Input Supply Range
Rev 0; 12/20
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
MAX5389EVKIT MAXIM-MAX5389EVKIT Datasheet
645Kb / 7P
2.8V to 5.5V Single-Supply Operation
Rev 0; 4/10
MAX44264EVKIT MAXIM-MAX44264EVKIT Datasheet
844Kb / 7P
1.8V to 5.5V Single-Supply Operation
19-5757; Rev 0; 2/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com