Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE564 Datasheet (PDF) - NXP Semiconductors

NE564 Datasheet PDF - NXP Semiconductors
Part # NE564
Download  NE564 Download
File Size   150.14 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Operation with single 5V supply

NE564 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE564 Datasheet PDF - NXP Semiconductors

Part # NE564
Download  NE564 Click to download

File Size   150.14 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Operation with single 5V supply

NE564 Datasheet (HTML) - NXP Semiconductors


NE564 Product details

DESCRIPTION

The NE/SE564 is a versatile, high guaranteed frequency phase-locked loop designed for operation up to 50MHz. As shown in the Block Diagram, the NE/SE564 consists of a VCO, limiter, phase comparator, and post detection processor.



FEATURES

•Operation with single 5V supply

•TTL-compatible inputs and outputs

•Guaranteed operation to 50MHz

•External loop gain control

•Reduced carrier feedthrough

•No elaborate filtering needed in FSK applications

•Can be used as a modulator

•Variable loop gain (externally controlled)



APPLICATIONS

•High speed modems

•FSK receivers and transmitters

•Frequency Synthesizers




Similar Part No. - NE564

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE564 ETC2-NE564 Datasheet
5Mb / 16P
LINEAR INTEGRATED CIRCUITS
NE564F ETC2-NE564F Datasheet
2Mb / 41P
LINEAR INTEGRATED CIRCUITS
NE564N ETC2-NE564N Datasheet
2Mb / 41P
LINEAR INTEGRATED CIRCUITS
More results


Similar Description - NE564

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LCS52-ST MICROCHIP-24LCS52-ST Datasheet
822Kb / 36P
Single Supply with Operation Down to 1.8V
08/02/11
logo
RF Micro Devices
RFCA1008 RFMD-RFCA1008 Datasheet
935Kb / 23P
5V Single Supply
logo
Integrated Silicon Solu...
IS29LV032T ISSI-IS29LV032T Datasheet
916Kb / 47P
Single power supply operation
logo
Micross Components
AS8SF384K32 MICROSS-AS8SF384K32 Datasheet
185Kb / 14P
Operation with single 5V supply
logo
Hotchip Technology Co.,...
AT24C02 HOTCHIP-AT24C02 Datasheet
909Kb / 13P
Single supply with operation down to 1.8v
logo
Maxim Integrated Produc...
MAX4313EVKIT MAXIM-MAX4313EVKIT Datasheet
112Kb / 4P
Single-Supply Operation
Rev 1; 4/99
MAX4213EVKIT MAXIM-MAX4213EVKIT Datasheet
68Kb / 4P
Single 3.3V/5V Operation
Rev 1; 6/98
MAX4090EVKIT MAXIM-MAX4090EVKIT Datasheet
86Kb / 6P
Single 2.7V to 5V Supply Operation
Rev 0; 1/09
MAX7474EVKIT MAXIM-MAX7474EVKIT Datasheet
129Kb / 6P
Single 5V DC Power-Supply Operation
Rev 0; 2/08
MAX11504EVKIT MAXIM-MAX11504EVKIT Datasheet
170Kb / 7P
Single 5V Supply Operation
Rev 0; 2/08
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com