Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFCA1008 Datasheet (PDF) - RF Micro Devices

RFCA1008 Datasheet PDF - RF Micro Devices
Part # RFCA1008
Download  RFCA1008 Download
File Size   935.16 Kbytes
Page   23 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 5V Single Supply

RFCA1008 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFCA1008 Datasheet PDF - RF Micro Devices

Part # RFCA1008
Download  RFCA1008 Click to download

File Size   935.16 Kbytes
Page   23 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 5V Single Supply

RFCA1008 Datasheet (HTML) - RF Micro Devices




Similar Part No. - RFCA1008

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFCA1008 QORVO-RFCA1008 Datasheet
935Kb / 23P
5MHz to 1000MHz, Push-Pull, High Linearity InGaP HBT Amplifier
RFCA1008PCK-410 QORVO-RFCA1008PCK-410 Datasheet
935Kb / 23P
5MHz to 1000MHz, Push-Pull, High Linearity InGaP HBT Amplifier
RFCA1008SQ QORVO-RFCA1008SQ Datasheet
935Kb / 23P
5MHz to 1000MHz, Push-Pull, High Linearity InGaP HBT Amplifier
RFCA1008SR QORVO-RFCA1008SR Datasheet
935Kb / 23P
5MHz to 1000MHz, Push-Pull, High Linearity InGaP HBT Amplifier
RFCA1008TR13 QORVO-RFCA1008TR13 Datasheet
935Kb / 23P
5MHz to 1000MHz, Push-Pull, High Linearity InGaP HBT Amplifier
More results


Similar Description - RFCA1008

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN103S83D PANASONIC-MN103S83D Datasheet
123Kb / 3P
5V single power supply (regulator)
logo
RF Micro Devices
RFCA8828 RFMD-RFCA8828 Datasheet
2Mb / 16P
5V or 6V Single Supply
logo
Micross Components
AS8SF384K32 MICROSS-AS8SF384K32 Datasheet
185Kb / 14P
Operation with single 5V supply
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
Operates from single 5V supply
logo
NXP Semiconductors
NE564 PHILIPS-NE564 Datasheet
150Kb / 9P
Operation with single 5V supply
1994 Aug 31
logo
ATMEL Corporation
U2794B ATMEL-U2794B_05 Datasheet
437Kb / 15P
Supply Voltage 5V
logo
Maxim Integrated Produc...
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
Operates from a Single 5V Supply
Rev 2; 12/18
MAX4090EVKIT MAXIM-MAX4090EVKIT Datasheet
86Kb / 6P
Single 2.7V to 5V Supply Operation
Rev 0; 1/09
MAX7474EVKIT MAXIM-MAX7474EVKIT Datasheet
129Kb / 6P
Single 5V DC Power-Supply Operation
Rev 0; 2/08
MAX11504EVKIT MAXIM-MAX11504EVKIT Datasheet
170Kb / 7P
Single 5V Supply Operation
Rev 0; 2/08
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com