Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE564 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NE564
Description  Operation with single 5V supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE564 Datasheet(HTML) 2 Page - NXP Semiconductors

  NE564 Datasheet HTML 1Page - NXP Semiconductors NE564 Datasheet HTML 2Page - NXP Semiconductors NE564 Datasheet HTML 3Page - NXP Semiconductors NE564 Datasheet HTML 4Page - NXP Semiconductors NE564 Datasheet HTML 5Page - NXP Semiconductors NE564 Datasheet HTML 6Page - NXP Semiconductors NE564 Datasheet HTML 7Page - NXP Semiconductors NE564 Datasheet HTML 8Page - NXP Semiconductors NE564 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors
Product specification
NE/SE564
Phase-locked loop
1994 Aug 31
2
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
V+
Supply voltage
Pin 1
Pin 10
14
6
V
V
IOUT
Sink Max (Pin 9) and sourcing (Pin 11)
11
mA
IBIAS
Bias current adjust pin (sinking)
1
mA
PD
Power dissipation
600
mW
TA
Operating ambient temperature
NE
0 to +70
°C
SE
-55 to +125
°C
TSTG
Storage temperature range
-65 to +150
°C
NOTE:
Operation above 5V will require heatsinking of the case.
DC AND AC ELECTRICAL CHARACTERISTICS
VCC = 5V; TA = 0 to 25°C; fO = 5MHz, I2 = 400µA; unless otherwise specified.
LIMITS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
SE564
NE564
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Maximum VCO frequency
C1 = 0 (stray)
50
65
45
60
MHz
Lock range
Input > 200mVRMS
TA = 25°C
TA = 125°C
TA = -55°C
TA = 0oC
TA = 70°C
40
20
50
70
30
80
40
70
70
40
% of fO
Capture range
Input > 200mVRMS, R2 = 27Ω
20
30
20
30
% of fO
VCO frequency drift with
temperature
fO = 5MHz,
TA = -55°C to +125°C
TA = 0 to +70°C
= 0 to +70°C
fO = 5MHz,
TA = -55°C to +125°C
TA = 0 to +70°C
500
300
1500
800
600
500
PPM/oC
VCO free-running frequency
C1 = 91pF
RC = 100Ω “Internal”
4
5
6
3.5
5
6.5
MHz
VCO frequency change with
supply voltage
VCC = 4.5V to 5.5V
3
8
3
8
% of fO
Demodulated output voltage
Modulation frequency: 1kHz
fO = 5MHz, input deviation:
2%T = 25°C
1%T = 25°C
1%T = 0°C
1%T = -55°C
1%T = 70°C
1%T = 125°C
16
8
6
12
28
14
10
16
16
8
28
14
13
15
mVRMS
mVRMS
mVRMS
mVRMS
mVRMS
mVRMS
Distortion
Deviation: 1% to 8%
1
1
%
S/N
Signal-to-noise ratio
Std. condition, 1% to 10% dev.
40
40
dB
AM rejection
Std. condition, 30% AM
35
35
dB
Demodulated output at oper-
ating voltage
Modulation frequency: 1kHz
fO = 5MHz, input deviation: 1%
VCC = 4.5V
VCC = 5.5V
7
8
12
14
7
8
12
14
mVRMS
mVRMS
ICC
Supply current
VCC = 5V I1, I10
45
60
45
60
mA
Output
“1” output leakage current
“0” output voltage
VOUT = 5V, Pins 16, 9
IOUT = 2mA, Pins 16, 9
IOUT = 6mA, Pins 16, 9
1
0.3
0.4
20
0.6
0.8
1
0.3
0.4
20
0.6
0.8
µA
V
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com