Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2131SPBF Datasheet (PDF) - International Rectifier

IR2131SPBF Datasheet PDF - International Rectifier
Part # IR2131SPBF
Download  IR2131SPBF Download
File Size   744.71 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 3 HIGH SIDE AND 3 LOW SIDE DRIVER

IR2131SPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2131SPBF Datasheet PDF - International Rectifier

Part # IR2131SPBF
Download  IR2131SPBF Click to download

File Size   744.71 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 3 HIGH SIDE AND 3 LOW SIDE DRIVER

IR2131SPBF Datasheet (HTML) - International Rectifier


IR2131SPBF Product details

Description
The IR2131(J)(S) is a high voltage, high speed power MOSFET and IGBT driver with three independent high and low side referenced output channels. Proprietary HVIC technology enables ruggedized monolithic construction. Logic inputs are compatible with CMOS or LSTTL outputs, down to 2.5V logic. A current trip function which terminates all six outputs can be derived from an external current sense resistor. A shutdown input is provided for a customized shutdown function. An open drain FAULT signal is provided to indicate that any of the shutdowns has occurred. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduc tion. Propagation delays are matched to simplify use in high frequency applications. The floating channels can be used to drive N-channel power MOSFETs or IGBTs in the high side configuration which operate up to 600 volts.

Features
• Floating channel designed for bootstrap operation
   Fully operational to +600V Tolerant to negative transient voltage dV/dt immune
• Gate drive supply range from 10 to 20V
• Undervoltage lockout for all channels
• Over-current shutdown turns off all six drivers
• Independent 3 high side & 3 low side drivers
• Matched propagation delay for all channels
• 2.5V logic compatible
• Outputs out of phase with inputs
• 28-Lead SOIC & 44-Lead PLCC are also available in Lead-Free.




Similar Part No. - IR2131SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2131S IRF-IR2131S Datasheet
744Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2131S INFINEON-IR2131S Datasheet
595Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
Data Sheet No. PD60032 rev P
More results


Similar Description - IR2131SPBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2131 MOTOROLA-MPIC2131 Datasheet
172Kb / 6P
3 HIGH SIDE & 3 LOW SIDE DRIVER
logo
International Rectifier
IR2131 IRF-IR2131 Datasheet
299Kb / 8P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
IR2131S IRF-IR2131S Datasheet
744Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
IR2131 IRF-IR2131_15 Datasheet
744Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
logo
Infineon Technologies A...
TLE82453-3SA INFINEON-TLE82453-3SA_15 Datasheet
2Mb / 71P
3 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Texas Instruments
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
logo
Infineon Technologies A...
IR2131 INFINEON-IR2131 Datasheet
595Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
Data Sheet No. PD60032 rev P
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com