Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPIC2131 Datasheet (PDF) - Motorola, Inc

MPIC2131 Datasheet PDF - Motorola, Inc
Part # MPIC2131
Download  MPIC2131 Download
File Size   172.27 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3 HIGH SIDE & 3 LOW SIDE DRIVER

MPIC2131 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPIC2131 Datasheet PDF - Motorola, Inc

Part # MPIC2131
Download  MPIC2131 Click to download

File Size   172.27 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3 HIGH SIDE & 3 LOW SIDE DRIVER

MPIC2131 Datasheet (HTML) - Motorola, Inc


MPIC2131 Product details

3-HIGH SIDE & 3-LOW SIDE DRIVER

The MPIC2131 is a high voltage, high speed, power MOSFET and IGBT driver with three independent high side and low side referenced output channels for 3–Phase applications. Proprietary HVIC technology enables ruggedized monolithic construction. Logic inputs are compatible with 5 V CMOS or LSTTL outputs. A ground referenced operational amplifier provides an analog feedback of bridge current via an external current sense resistor. A current trip function which terminates all six outputs is also derived from an external current sense resistor. An extra shutdown input is provided for customizing the shutdown function. An open drain FAULT signal is provided to indicate that any of shutdown conditions has occurred. The output drivers feature a high pulse current buffer stage designed for minimum driver cross–conduction. Propagation delays are matched to simplify use in high frequency applications.
The floating channels can be used to drive N–channel power MOSFET or IGBT’s in the high side configuration which operate from 10 to 600 volts.

• Floating Channel Designed for Bootstrap Operation
• Fully Operational to +600 V
• Tolerant to Negative Transient Voltage
• dV/dt Immune
• Gate Drive Supply Range from 10 to 20 V
• Undervoltage Lockout for All Channels
• Over–current Shut Down Turns Off All Six Drivers
• Independent 3 High Side & 3 Low Side Drivers
• Matched Propagation Delay for All Channels
• Outputs Out of Phase with Inputs




Similar Part No. - MPIC2131

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
3-PHASE BRIDGE DRIVER
MPIC2130P MOTOROLA-MPIC2130P Datasheet
179Kb / 6P
3-PHASE BRIDGE DRIVER
More results


Similar Description - MPIC2131

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2131 IRF-IR2131 Datasheet
299Kb / 8P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
logo
Texas Instruments
UCC27200 TI1-UCC27200_12 Datasheet
1Mb / 34P
120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
logo
International Rectifier
IR2131S IRF-IR2131S Datasheet
744Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
IR2131SPBF IRF-IR2131SPBF Datasheet
744Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
logo
Texas Instruments
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
logo
International Rectifier
IR2131 IRF-IR2131_15 Datasheet
744Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
logo
Infineon Technologies A...
TLE82453-3SA INFINEON-TLE82453-3SA_15 Datasheet
2Mb / 71P
3 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
logo
Texas Instruments
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27201A-Q1 TI1-UCC27201A-Q1 Datasheet
1Mb / 30P
120-V, 3-A Peak, High-Frequency, High-Side/Low-Side Driver
logo
Infineon Technologies A...
IR2131 INFINEON-IR2131 Datasheet
595Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
Data Sheet No. PD60032 rev P
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com