Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPIC2131 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPIC2131
Description  3 HIGH SIDE & 3 LOW SIDE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPIC2131 Datasheet(HTML) 1 Page - Motorola, Inc

  MPIC2131 Datasheet HTML 1Page - Motorola, Inc MPIC2131 Datasheet HTML 2Page - Motorola, Inc MPIC2131 Datasheet HTML 3Page - Motorola, Inc MPIC2131 Datasheet HTML 4Page - Motorola, Inc MPIC2131 Datasheet HTML 5Page - Motorola, Inc MPIC2131 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Power Products Division Advanced Data
Power Products Division
Advance Information
3-HIGH SIDE &
3-LOW SIDE DRIVER
The MPIC2131 is a high voltage, high speed, power MOSFET and IGBT driver
with three independent high side and low side referenced output channels for
3–Phase applications. Proprietary HVIC technology enables ruggedized monolith-
ic construction. Logic inputs are compatible with 5 V CMOS or LSTTL outputs. A
ground referenced operational amplifier provides an analog feedback of bridge
current via an external current sense resistor. A current trip function which termi-
nates all six outputs is also derived from an external current sense resistor. An ex-
tra shutdown input is provided for customizing the shutdown function. An open
drain FAULT signal is provided to indicate that any of shutdown conditions has oc-
curred. The output drivers feature a high pulse current buffer stage designed for
minimum driver cross–conduction. Propagation delays are matched to simplify use
in high frequency applications.
The floating channels can be used to drive N–channel power MOSFET or
IGBT’s in the high side configuration which operate from 10 to 600 volts.
• Floating Channel Designed for Bootstrap Operation
• Fully Operational to +600 V
• Tolerant to Negative Transient Voltage
• dV/dt Immune
• Gate Drive Supply Range from 10 to 20 V
• Undervoltage Lockout for All Channels
• Over–current Shut Down Turns Off All Six Drivers
• Independent 3 High Side & 3 Low Side Drivers
• Matched Propagation Delay for All Channels
• Outputs Out of Phase with Inputs
PRODUCT SUMMARY
VOFFSET
600 V MAX
IO+/–
200 mA/420 mA
VOUT
10 – 20 V
ton/off (typical)
1.4 & 0.7
ms
Delay Matching
700 ns
This document contains information on a new product. Specifications and information herein are subject
to change without notice.
REV 1
Order this document
by MPIC2131/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPIC2131
Device
Package
3 HIGH SIDE &
3 LOW SIDE
DRIVER
ORDERING INFORMATION
(TOP VIEW)
PIN CONNECTIONS
P SUFFIX
PLASTIC PACKAGE
CASE 710–02
MPIC2131P
PDIP
28
1
1
2
3
4
5
6
7
8
22
23
24
25
26
27
28
9
21
20
10
11
12
13
14
17
18
19
16
15
VCC
HIN1
HIN2
HIN3
LIN1
LIN2
LIN3
FAULT
ITRIP
FLT+CLR
SD
VSS
COM
LO3
VB1
HO1
VS1
VB2
HO2
VS2
VB3
HO3
VS3
LO1
LO2
© Motorola, Inc. 1996


Similar Part No. - MPIC2131

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
3-PHASE BRIDGE DRIVER
MPIC2130P MOTOROLA-MPIC2130P Datasheet
179Kb / 6P
3-PHASE BRIDGE DRIVER
More results

Similar Description - MPIC2131

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2131 IRF-IR2131 Datasheet
299Kb / 8P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
logo
Texas Instruments
UCC27200 TI1-UCC27200_12 Datasheet
1Mb / 34P
120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
logo
International Rectifier
IR2131S IRF-IR2131S Datasheet
744Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
IR2131SPBF IRF-IR2131SPBF Datasheet
744Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
logo
Texas Instruments
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
logo
International Rectifier
IR2131 IRF-IR2131_15 Datasheet
744Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
logo
Infineon Technologies A...
TLE82453-3SA INFINEON-TLE82453-3SA_15 Datasheet
2Mb / 71P
3 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
logo
Texas Instruments
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27201A-Q1 TI1-UCC27201A-Q1 Datasheet
1Mb / 30P
120-V, 3-A Peak, High-Frequency, High-Side/Low-Side Driver
logo
Infineon Technologies A...
IR2131 INFINEON-IR2131 Datasheet
595Kb / 10P
3 HIGH SIDE AND 3 LOW SIDE DRIVER
Data Sheet No. PD60032 rev P
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com