Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPIC2131 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPIC2131
Description  3 HIGH SIDE & 3 LOW SIDE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPIC2131 Datasheet(HTML) 3 Page - Motorola, Inc

  MPIC2131 Datasheet HTML 1Page - Motorola, Inc MPIC2131 Datasheet HTML 2Page - Motorola, Inc MPIC2131 Datasheet HTML 3Page - Motorola, Inc MPIC2131 Datasheet HTML 4Page - Motorola, Inc MPIC2131 Datasheet HTML 5Page - Motorola, Inc MPIC2131 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPIC2131
3
Motorola Power Products Division Advanced Data
RECOMMENDED OPERATING CONDITIONS
The Input/Output logic timing Diagram is shown in Figure 1. For proper operation the device should be used within the recommended condi-
tions. The VS offset rating is tested with all supplies biased at 15 V differential.
High Side Floating Supply Absolute Voltage
VB1,2,3
VS1,2,3+10
VS1,2,3+20
V
High Side Floating Supply Offset Voltage
VS1,2,3
Note 1
VSO+600
V
High Side Floating Output Voltage
VHO1,2,3
VS1,2,3
VB1,2,3
V
Fixed Supply Voltage
VCC
10
20
V
Low Side Output Voltage
VLO1,2,3
0
VCC
V
Low Side Driver Return
VSS
–5
5
V
Logic Input Voltage (HIN–, LIN–, FLT–CLR, SD & ITRIP)
VIN
VSS
5
V
Fault Output Voltage
FAULT–
VSS
VCC
V
Ambient Temperature
TA
–40
125
°C
Note 1: Logic operational for VS of –5 V to +600 V. Logic state held for VS of –5 V to –VBS.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
STATIC ELECTRICAL CHARACTERISTICS
VBIAS (VCC, VBS1,2,3) = 15 V and VSS = COM unless otherwise specified. The VIN, VTH and IIN parameters are referenced to VSS and are
applicable to all six channels (HS1,2,3 & LS1,2,3). The VO and IO parameters are referenced to COM and VSO1,2,3 and are applicable to
the respective output leads: HO1,2,3 or LO1,2,3.
Logic “0” Input Voltage (OUT = LO)
VIH
2.2
–
–
V
Logic “1” Input Voltage (OUT = HI)
VIL
–
–
0.8
V
Logic “0” Fault Clear Input Voltage
VFCLR,IH
2.2
–
–
V
Logic “1” Fault Clear Input Voltage
VFCLR,IL
–
–
0.8
V
SD Input Positive Going Threshold
VSD,TH+
–
1.8
–
V
SD Input Negative Going Threshold
VSD,TH–
–
1.5
–
V
ITRIP Input Positive Going Threshold
VIT,TH+
–
485
–
mV
ITRIP Input Negative Going Threshold
VIT,TH–
–
400
–
mV
High Level Output Voltage, VBIAS–VO @ VIN = 0 V, IO = 0 A
VOH
–
–
100
mV
Low Level Output Voltage, VO @ VIN = 5 V, IO = 0 A
VOL
–
–
100
mV
Offset Supply Leakage Current @ VB1,2,3 = VS1,2,3 = 600 V
ILK
–
–
50
µA
Quiescent VBS Supply Current @ VIN = 0 V or 5 V
IQBS
–
30
–
µA
Quiescent VCC Supply Current @ VIN = 0 V or 5 V
IQCC
–
3.0
–
mA
Logic “1” Input Bias Current (OUT = HI) @ VIN = 0 V
IIN+
–
190
–
µA
Logic “0” Input Bias Current (OUT = LO) @ VIN = 5 V
IIN–
–
100
–
µA
“High” ITRIP Bias Current @ ITRIP = 5 V
ITRIP+
–
60
–
µA
“Low” ITRIP Bias Current @ ITRIP = 0 V
ITRIP–
–
–
50
nA
Logic “1” Fault Clear Bias Current @ FLT–CLR = 0 V
IFCLR+
–
190
–
µA
Logic “0” Fault Clear Bias Current @ FLT–CLR = 5 V
IFCLR–
–
100
–
µA
Logic “1” Shut Down Bias Current @ SD = 5 V
ISD+
–
60
–
µA
Logic “0” Shut Down Bias Current @ SD = 5 V
ISD–
–
–
150
nA
VBS Supply Undervoltage Positive Going Threshold
VBSUV+
–
8.6
–
V
VBS Supply Undervoltage Negative Going Threshold
VBSUV–
–
8.2
–
V
VCC Supply Undervoltage Positive Going Threshold
VCCUV+
–
9.0
–
V
VCC Supply Undervoltage Negative Going Threshold
VCCUV–
–
8.7
–
V
FAULT – Low On Resistance
Ron,FLT
–
55
–
Ω
Output High Short Circuit Pulsed Current @ Vout = 0 V, Vin = 0 V, PW ≤ 10 µs
IO+
200
250
–
mA
Output Low Short Circuit Pulsed Current @ Vout = 15 V, Vin = 5 V, PW ≤ 10 µs
IO–
420
500
–
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com