Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPIC2131 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPIC2131
Description  3 HIGH SIDE & 3 LOW SIDE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPIC2131 Datasheet(HTML) 4 Page - Motorola, Inc

  MPIC2131 Datasheet HTML 1Page - Motorola, Inc MPIC2131 Datasheet HTML 2Page - Motorola, Inc MPIC2131 Datasheet HTML 3Page - Motorola, Inc MPIC2131 Datasheet HTML 4Page - Motorola, Inc MPIC2131 Datasheet HTML 5Page - Motorola, Inc MPIC2131 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPIC2131
4
Motorola Power Products Division Advanced Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
DYNAMIC ELECTRICAL CHARACTERISTICS
VBIAS (VCC, VBS1,2,3) = 15 V, VSO1,2,3 = VSS and CL = 1000 pF unless otherwise specified. TA = 25°C.
Turn–On Propagation Delay @ VIN = 0 & 5 V, VS1,2,3 = 0 V to 600 V
ton
–
1.4
–
µs
Turn–Off Propagation Delay @ VIN = 0 & 5 V, VS1,2,3 = 0 V to 600 V
toff
–
0.7
–
µs
Turn–On Rise Time @ VIN = 0 & 5 V, VS1,2,3 = 0 V to 600 V
tr
–
80
–
ns
Turn–On Fall Time @ VIN = 0 & 5 V, VS1,2,3 = 0 V to 600 V
tf
–
40
–
ns
ITRIP to Output Shutdown Propagation Delay @ VIN, VITRIP = 0 & 5 V
titrip
–
550
–
ns
ITRIP Blanking Time @ ITRIP = 1 V
tbl
–
400
–
ns
ITRIP to FAULT– Propagation Delay @ VIN, VITRIP = 0 & 5 V
tflt
–
450
–
ns
Input Filter Time (all six inputs) @ VIN = 0 & 5 V
tflt,in
–
310
–
ns
FLT–CLR to FAULT Clear Time @ VIN, VIT, VFC = 0 & 5 V
tfltclr
–
450
–
ns
SD to OUTPUT Shutdown Propagation Delay @ VIN, VSD = 0 & 5 V
tsd
–
550
–
ns
Deadtime, LS Turn–Off to HS Turn–On & HS Turn–Off to LS Turn–On
@ VIN = 0 & 5 V
DT
–
700
–
ns
TYPICAL CONNECTION
10 TO 600 V
TO
LOAD
VCC
ITRIP
COM
VB1,2,3
HIN1,2,3
VSS
SD
FLT–CLR
LIN1,2,3
FAULT
HO1,2,3
VS1,2,3
LO1,2,3
LEAD DEFINITIONS
Symbol
Lead Description
HIN1,2,3
Logic Inputs for High Side Gate Driver Outputs (HO1,2,3), Out of Phase
LIN1,2,3
Logic Inputs for Low Side Gate Driver Outputs (LO1,2,3), Out of Phase
FLT–CLR
Logic Inputs for Fault Clear
SD
Logic Input for Shut Down
FAULT
Indicates Over–current, Shut Down or Low Side Undervoltage Condition, Negative Logic
ITRIP
Input for Over–current Shut Down
VSS
Logic Ground
VB1,2,3
High Side Floating Supplies
HO1,2,3
High Side Gate Drive Outputs
VS1,2,3
High Side Floating Supply Returns
VCC
Logic and Low Side Fixed Supply
LO1,2,3
Low Side Gate Drive Outputs
COM
Low Side Return



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com