Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1010B-PLG68C Datasheet (PDF) - Actel Corporation

A1010B-PLG68C Datasheet PDF - Actel Corporation
Part # A1010B-PLG68C
Download  A1010B-PLG68C Download
File Size   2031.76 Kbytes
Page   98 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description HiRel FPGAs

A1010B-PLG68C Datasheet (PDF)

Go To PDF Page Download Datasheet
A1010B-PLG68C Datasheet PDF - Actel Corporation

Part # A1010B-PLG68C
Download  A1010B-PLG68C Click to download

File Size   2031.76 Kbytes
Page   98 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description HiRel FPGAs

A1010B-PLG68C Datasheet (HTML) - Actel Corporation


A1010B-PLG68C Product details

Description

The ACT™ 1 Series of field programmable gate arrays (FPGAs) offers a variety of package, speed, and application combinations. Devices are implemented in silicon gate, 1-micron two-level metal CMOS, and they employ Actel’s PLICE®  antifuse technology. The unique architecture offers gate array flexibility, high performance, and instant turnaround through user programming. Device utilization is typically 95 to 100 percent of available logic modules.



Features

• 5V and 3.3V Families fully compatible with JEDEC specifications

• Up to 2000 Gate Array Gates (6000 PLD equivalent gates)

• Replaces up to 50 TTL Packages

• Replaces up to twenty 20-Pin PAL®  Packages

• Design Library with over 250 Macro Functions

• Gate Array Architecture Allows Completely Automatic Place and Route

• Up to 547 Programmable Logic Modules

• Up to 273 Flip-Flops

• Data Rates to 75 MHz

• Two In-Circuit Diagnostic Probe Pins Support Speed Analysis to 25 MHz

• Built-In High Speed Clock Distribution Network

• I/O Drive to 10 mA (5 V), 6 mA (3.3 V)

• Nonvolatile, User Programmable

• Fabricated in 1.0 micron CMOS technology4



 




Similar Part No. - A1010B-PLG68C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010B-PLG68I ACTEL-A1010B-PLG68I Datasheet
1Mb / 98P
Highly Predictable Performance with 100% Automatic Placement and Routing
More results


Similar Description - A1010B-PLG68C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
HiRel FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
HiRel SX-A Family FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
SX Family FPGAs RadTolerant and HiRel
logo
Texas Instruments
OMAP3525-HIREL TI-OMAP3525-HIREL Datasheet
3Mb / 239P
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
logo
Actel Corporation
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
HiRel FPGAs
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
HiRel FPGAs
A1020B-PG84M ACTEL-A1020B-PG84M Datasheet
1Mb / 98P
HiRel FPGAs
A1020B-PL68C ACTEL-A1020B-PL68C Datasheet
1Mb / 98P
HiRel FPGAs
A1020B-2PLG44I ACTEL-A1020B-2PLG44I Datasheet
1Mb / 98P
HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
HiRel FPGAs
More results




About Actel Corporation


Actel Corporation was a semiconductor company that specialized in designing and manufacturing low-power, high-performance field-programmable gate arrays (FPGAs). The company was founded in 1985 and was headquartered in Mountain View, California, USA.

Actel's FPGAs were used in a variety of applications, including aerospace and defense, automotive, communications, industrial automation, and medical devices. The company's products were known for their low power consumption, high reliability, and security features, which made them well-suited for use in mission-critical applications.

In 2010, Actel Corporation was acquired by Microsemi Corporation, which is now a subsidiary of Microchip Technology. Today, Microchip Technology continues to offer Actel's FPGA products under the SmartFusion brand name.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com