Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A32100DX Datasheet (PDF) - Actel Corporation

A32100DX Datasheet PDF - Actel Corporation
Part # A32100DX
Download  A32100DX Download
File Size   2009.04 Kbytes
Page   98 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description HiRel FPGAs

A32100DX Datasheet (PDF)

Go To PDF Page Download Datasheet
A32100DX Datasheet PDF - Actel Corporation

Part # A32100DX
Download  A32100DX Click to download

File Size   2009.04 Kbytes
Page   98 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description HiRel FPGAs

A32100DX Datasheet (HTML) - Actel Corporation


A32100DX Product details

Actel FPGA Description

The Actel families of FPGAs offer a variety of packages, speed/performance characteristics, and processing levels for use in all high reliability and military applications. Devices are implemented in a silicon gate, two-level metal CMOS process, utilizing Actel’s PLICE antifuse technology. This unique architecture offers gate array flexibility, high performance, and quick turnaround through user programming. Device utilization is typically 95 percent of available logic modules. All Actel devices include on-chip clock drivers and a hard-wired distribution network.



Features

• Highly Predictable Performance with 100% Automatic Placement and Routing

• Device Sizes from 1,200 to 20,000 Gates

• Up to 6 Fast, Low-Skew Clock Networks

• Up to 202 User-Programmable I/O Pins

• More Than 500 Macro Functions

• Up to 1,276 Dedicated Flip-Flops

• I/O Drive to 10 mA

• Devices Available to DSCC SMD

• CQFP and CPGA Packaging

• Nonvolatile, User Programmable

• Logic Fully Tested Prior to Shipment

• 100% Military Temperature Tested (–55°C to +125°C)

• QML Certified Devices

• Proven Reliability Data Available

• Successful Military/Avionics Supplier for Over 10 Years



ACT 3 Features

• Highest-Performance, Highest-Capacity FPGA Family

• System Performance to 60 MHz over Military Temperature

• Low-Power 0.8µ CMOS Technology



3200DX Features

• 100 MHz System Logic Integration

• Highest Speed FPGA SRAM, up to 2.5 kbits Configurable Dual-Port SRAM

• Fast Wide-Decode Circuitry

• Low-Power 0.6µ CMOS Technology



1200XL Features

• Pin for Pin Compatible with ACT 2

• System Performance to 50 MHz over Military Temperature

• Low-Power 0.6µ CMOS Technology



ACT 2 Features

• Best-Value, High-Capacity FPGA Family

• System Performance to 40 MHz over Military Temperature

• Low-Power 1.0µ CMOS Technology



ACT 1 Features

• Lowest-Cost FPGA Family

• System Performance to 20 MHz over Military Temperature

• Low-Power 1.0µ CMOS Technology



 




Similar Part No. - A32100DX

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A32100DX-1CQ84B ACTEL-A32100DX-1CQ84B Datasheet
1Mb / 98P
Highly Predictable Performance with 100% Automatic Placement and Routing
A32100DX-1CQB ACTEL-A32100DX-1CQB Datasheet
3Mb / 84P
Integrator Series FPGAs: 1200XL and 3200DX Families
A32100DX-1CQC ACTEL-A32100DX-1CQC Datasheet
3Mb / 84P
Integrator Series FPGAs: 1200XL and 3200DX Families
A32100DX-1PGB ACTEL-A32100DX-1PGB Datasheet
3Mb / 84P
Integrator Series FPGAs: 1200XL and 3200DX Families
A32100DX-1PGC ACTEL-A32100DX-1PGC Datasheet
3Mb / 84P
Integrator Series FPGAs: 1200XL and 3200DX Families
More results


Similar Description - A32100DX

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
HiRel FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
HiRel SX-A Family FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
SX Family FPGAs RadTolerant and HiRel
logo
Texas Instruments
OMAP3525-HIREL TI-OMAP3525-HIREL Datasheet
3Mb / 239P
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
logo
Actel Corporation
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
HiRel FPGAs
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
HiRel FPGAs
A1020B-PG84M ACTEL-A1020B-PG84M Datasheet
1Mb / 98P
HiRel FPGAs
A1020B-PL68C ACTEL-A1020B-PL68C Datasheet
1Mb / 98P
HiRel FPGAs
A1020B-2PLG44I ACTEL-A1020B-2PLG44I Datasheet
1Mb / 98P
HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
HiRel FPGAs
More results




About Actel Corporation


Actel Corporation was a semiconductor company that specialized in designing and manufacturing low-power, high-performance field-programmable gate arrays (FPGAs). The company was founded in 1985 and was headquartered in Mountain View, California, USA.

Actel's FPGAs were used in a variety of applications, including aerospace and defense, automotive, communications, industrial automation, and medical devices. The company's products were known for their low power consumption, high reliability, and security features, which made them well-suited for use in mission-critical applications.

In 2010, Actel Corporation was acquired by Microsemi Corporation, which is now a subsidiary of Microchip Technology. Today, Microchip Technology continues to offer Actel's FPGA products under the SmartFusion brand name.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com