Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A32100DX Datasheet(PDF) 1 Page - Actel Corporation

Part # A32100DX
Description  HiRel FPGAs
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX Datasheet(HTML) 1 Page - Actel Corporation

  A32100DX Datasheet HTML 1Page - Actel Corporation A32100DX Datasheet HTML 2Page - Actel Corporation A32100DX Datasheet HTML 3Page - Actel Corporation A32100DX Datasheet HTML 4Page - Actel Corporation A32100DX Datasheet HTML 5Page - Actel Corporation A32100DX Datasheet HTML 6Page - Actel Corporation A32100DX Datasheet HTML 7Page - Actel Corporation A32100DX Datasheet HTML 8Page - Actel Corporation A32100DX Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
Ja nuar y 2000
1
© 2000 Actel Corporation
v 3.0
HiRel FPGAs
Fe a t ur es
• Highly Predictable Performance with 100% Automatic
Placement and Routing
• Device Sizes from 1,200 to 20,000 Gates
• Up to 6 Fast, Low-Skew Clock Networks
• Up to 202 User-Programmable I/O Pins
• More Than 500 Macro Functions
• Up to 1,276 Dedicated Flip-Flops
• I/O Drive to 10 mA
• Devices Available to DSCC SMD
• CQFP and CPGA Packaging
• Nonvolatile, User Programmable
• Logic Fully Tested Prior to Shipment
• 100% Military Temperature Tested (–55°C to +125°C)
• QML Certified Devices
• Proven Reliability Data Available
• Successful Military/Avionics Supplier for Over 10 Years
A C T 3 Fe at ure s
• Highest-Performance, Highest-Capacity FPGA Family
• System Performance to 60 MHz over Military Temperature
• Low-Power 0.8µ CMOS Technology
3 200 DX F eat u r e s
• 100 MHz System Logic Integration
• Highest Speed FPGA SRAM, up to 2.5 kbits Configurable
Dual-Port SRAM
• Fast Wide-Decode Circuitry
• Low-Power 0.6µ CMOS Technology
12 0 0 X L Fe at ure s
• Pin for Pin Compatible with ACT 2
• System Performance to 50 MHz over Military Temperature
• Low-Power 0.6µ CMOS Technology
A C T 2 Fe at ure s
• Best-Value, High-Capacity FPGA Family
• System Performance to 40 MHz over Military Temperature
• Low-Power 1.0µ CMOS Technology
A C T 1 Fe at ure s
• Lowest-Cost FPGA Family
• System Performance to 20 MHz over Military Temperature
• Low-Power 1.0µ CMOS Technology
P r o d u c t F a m ily P r o f ile (more devices on page 2)
Family
3200DX
ACT 3
1200XL
Device
A32100DX
A32200DX
A1425A
A1460A
A14100A
A1280XL
Capacity
System Gates
Logic Gates
SRAM Bits
15,000
10,000
2,048
30,000
20,000
2,560
3,750
2,500
NA
9,000
6,000
NA
15,000
10,000
NA
12,000
8,000
Logic Modules
S-Modules
C-Modules
Decode
1,362
700
662
20
2,414
1,230
1,184
24
310
160
150
NA
848
432
416
NA
1,377
697
680
NA
1,232
624
608
NA
Flip-Flops (Maximum)
738
1,276
435
976
1,493
998
User I/Os (Maximum)
152
202
100
168
228
140
Performance
System Speed (maximum)
55 MHz
55 MHz
60 MHz
60 MHz
60 MHz
50 MHz
Packages (by Pin Count)
CPGA
CQFP
84
208, 256
133
132
207
196
257
256
176
172


Similar Part No. - A32100DX

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A32100DX-1CQ84B ACTEL-A32100DX-1CQ84B Datasheet
1Mb / 98P
Highly Predictable Performance with 100% Automatic Placement and Routing
A32100DX-1CQB ACTEL-A32100DX-1CQB Datasheet
3Mb / 84P
Integrator Series FPGAs: 1200XL and 3200DX Families
A32100DX-1CQC ACTEL-A32100DX-1CQC Datasheet
3Mb / 84P
Integrator Series FPGAs: 1200XL and 3200DX Families
A32100DX-1PGB ACTEL-A32100DX-1PGB Datasheet
3Mb / 84P
Integrator Series FPGAs: 1200XL and 3200DX Families
A32100DX-1PGC ACTEL-A32100DX-1PGC Datasheet
3Mb / 84P
Integrator Series FPGAs: 1200XL and 3200DX Families
More results

Similar Description - A32100DX

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A14100A-1CQ256B ACTEL-A14100A-1CQ256B Datasheet
1Mb / 98P
HiRel FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
HiRel SX-A Family FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
SX Family FPGAs RadTolerant and HiRel
logo
Texas Instruments
OMAP3525-HIREL TI-OMAP3525-HIREL Datasheet
3Mb / 239P
OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
logo
Actel Corporation
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
HiRel FPGAs
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
HiRel FPGAs
A1020B-PG84M ACTEL-A1020B-PG84M Datasheet
1Mb / 98P
HiRel FPGAs
A1020B-PL68C ACTEL-A1020B-PL68C Datasheet
1Mb / 98P
HiRel FPGAs
A1020B-2PLG44I ACTEL-A1020B-2PLG44I Datasheet
1Mb / 98P
HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
HiRel FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com