Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A32100DX Datasheet(PDF) 25 Page - Actel Corporation

Part # A32100DX
Description  HiRel FPGAs
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX Datasheet(HTML) 25 Page - Actel Corporation

Back Button A32100DX Datasheet HTML 21Page - Actel Corporation A32100DX Datasheet HTML 22Page - Actel Corporation A32100DX Datasheet HTML 23Page - Actel Corporation A32100DX Datasheet HTML 24Page - Actel Corporation A32100DX Datasheet HTML 25Page - Actel Corporation A32100DX Datasheet HTML 26Page - Actel Corporation A32100DX Datasheet HTML 27Page - Actel Corporation A32100DX Datasheet HTML 28Page - Actel Corporation A32100DX Datasheet HTML 29Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
25
Hi R e l F P GA s
AC T 1 T i m i ng C har a c t e r i st i c s
(W or s t - C as e M i l i t a r y Cond i t i o n s , V CC = 4.5 V, TJ = 1 25°C)
‘–1’ Speed
‘Std’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Units
Logic Module Propagation Delays
tPD1
Single Module
4.7
5.5
ns
tPD2
Dual Module Macros
10.8
12.7
ns
tCO
Sequential Clk to Q
4.7
5.5
ns
tGO
Latch G to Q
4.7
5.5
ns
tRS
Flip-Flop (Latch) Reset to Q
4.7
5.5
ns
Logic Module Predicted Routing Delays1
tRD1
FO=1 Routing Delay
1.5
1.7
ns
tRD2
FO=2 Routing Delay
2.3
2.7
ns
tRD3
FO=3 Routing Delay
3.4
4.0
ns
tRD4
FO=4 Routing Delay
5.0
5.9
ns
tRD8
FO=8 Routing Delay
10.6
12.5
ns
Logic Module Sequential Timing 2
tSUD
Flip-Flop (Latch) Data Input Setup
8.8
10.4
ns
tHD
Flip-Flop (Latch) Data Input Hold
0.0
0.0
ns
tSUENA
Flip-Flop (Latch) Enable Setup
8.8
10.4
ns
tHENA
Flip-Flop (Latch) Enable Hold
0.0
0.0
ns
tWCLKA
Flip-Flop (Latch) Clock Active Pulse
Width
10.9
12.9
ns
tWASYN
Flip-Flop (Latch) Asynchronous Pulse
Width
10.9
12.9
ns
tA
Flip-Flop Clock Input Period
23.2
27.3
ns
fMAX
Flip-Flop (Latch) Clock
Frequency
44
37
MHz
Input Module Propagation Delays
tINYH
Pad to Y High
4.9
5.8
ns
tINYL
Pad to Y Low
4.9
5.8
ns
Input Module Predicted Routing Delays1, 3
tIRD1
FO=1 Routing Delay
1.5
1.7
ns
tIRD2
FO=2 Routing Delay
2.3
2.7
ns
tIRD3
FO=3 Routing Delay
3.4
4.0
ns
tIRD4
FO=4 Routing Delay
5.0
5.9
ns
tIRD8
FO=8 Routing Delay
10.6
12.5
ns
Notes:
1.
Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device
performance. Post-route timing analysis or simulation is required to determine actual worst-case performance. Post-route timing is based
on actual routing delay measurements performed on the device prior to shipment.
2.
Setup times assume fanout of 3. Further derating information can be obtained from the DirectTime Analyzer utility.
3.
Optimization techniques may further reduce delays by 0 to 4 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com