Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A32100DX Datasheet(PDF) 35 Page - Actel Corporation

Part # A32100DX
Description  HiRel FPGAs
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX Datasheet(HTML) 35 Page - Actel Corporation

Back Button A32100DX Datasheet HTML 31Page - Actel Corporation A32100DX Datasheet HTML 32Page - Actel Corporation A32100DX Datasheet HTML 33Page - Actel Corporation A32100DX Datasheet HTML 34Page - Actel Corporation A32100DX Datasheet HTML 35Page - Actel Corporation A32100DX Datasheet HTML 36Page - Actel Corporation A32100DX Datasheet HTML 37Page - Actel Corporation A32100DX Datasheet HTML 38Page - Actel Corporation A32100DX Datasheet HTML 39Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
35
Hi R e l F P GA s
A1 28 0XL Ti m i ng Cha r act e r i s t i cs (continued)
(W or s t - C as e M i l i t a r y Cond i t i o n s , V CC = 4.5 V, TJ = 1 25°C)
‘–1’ Speed
‘Std’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Units
TTL Output Module Timing1
tDLH
Data to Pad High
5.3
6.2
ns
tDHL
Data to Pad Low
5.7
6.6
ns
tENZH
Enable Pad Z to High
5.3
6.2
ns
tENZL
Enable Pad Z to Low
5.8
6.8
ns
tENHZ
Enable Pad High to Z
7.5
8.9
ns
tENLZ
Enable Pad Low to Z
7.5
8.9
ns
tGLH
G to Pad High
5.9
6.9
ns
tGHL
G to Pad Low
6.6
7.8
ns
dTLH
Delta Low to High
0.05
0.06
ns/pF
dTHL
Delta High to Low
0.05
0.09
ns/pF
CMOS Output Module Timing1
tDLH
Data to Pad High
6.6
7.9
ns
tDHL
Data to Pad Low
4.7
5.5
ns
tENZH
Enable Pad Z to High
5.3
6.2
ns
tENZL
Enable Pad Z to Low
5.8
6.8
ns
tENHZ
Enable Pad High to Z
7.5
8.9
ns
tENLZ
Enable Pad Low to Z
7.5
8.9
ns
tGLH
G to Pad High
5.9
6.9
ns
tGHL
G to Pad Low
6.6
7.8
ns
dTLH
Delta Low to High
0.07
0.09
ns/pF
dTHL
Delta High to Low
0.06
0.09
ns/pF
Notes:
1.
Delays based on 50 pF loading.
2.
SSO information can be found in the Simultaneously Switching Output Limits for Actel FPGAs application note at
http://www.actel.com/appnotes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com