Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A32100DX Datasheet(PDF) 29 Page - Actel Corporation

Part # A32100DX
Description  HiRel FPGAs
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX Datasheet(HTML) 29 Page - Actel Corporation

Back Button A32100DX Datasheet HTML 25Page - Actel Corporation A32100DX Datasheet HTML 26Page - Actel Corporation A32100DX Datasheet HTML 27Page - Actel Corporation A32100DX Datasheet HTML 28Page - Actel Corporation A32100DX Datasheet HTML 29Page - Actel Corporation A32100DX Datasheet HTML 30Page - Actel Corporation A32100DX Datasheet HTML 31Page - Actel Corporation A32100DX Datasheet HTML 32Page - Actel Corporation A32100DX Datasheet HTML 33Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
29
Hi R e l F P GA s
A1 24 0A T i m i n g C har a c t e r i st i c s (continued)
(W or s t - C as e M i l i t a r y Cond i t i o n s , V CC = 4.5 V, TJ = 1 25°C)
‘–1’ Speed
‘Std’ Speed
Parameter
Description
Min.
Max.
Min.
Max.
Units
TTL Output Module Timing1
tDLH
Data to Pad High
11.0
13.0
ns
tDHL
Data to Pad Low
13.9
16.4
ns
tENZH
Enable Pad Z to High
12.3
14.4
ns
tENZL
Enable Pad Z to Low
16.1
19.0
ns
tENHZ
Enable Pad High to Z
9.8
11.5
ns
tENLZ
Enable Pad Low to Z
11.5
13.6
ns
tGLH
G to Pad High
12.4
14.6
ns
tGHL
G to Pad Low
15.5
18.2
ns
dTLH
Delta Low to High
0.09
0.11
ns/pF
dTHL
Delta High to Low
0.17
0.20
ns/pF
CMOS Output Module Timing1
tDLH
Data to Pad High
14.0
16.5
ns
tDHL
Data to Pad Low
11.7
13.7
ns
tENZH
Enable Pad Z to High
12.3
14.4
ns
tENZL
Enable Pad Z to Low
16.1
19.0
ns
tENHZ
Enable Pad High to Z
9.8
11.5
ns
tENLZ
Enable Pad Low to Z
11.5
13.6
ns
tGLH
G to Pad High
12.4
14.6
ns
tGHL
G to Pad Low
15.5
18.2
ns
dTLH
Delta Low to High
0.17
0.20
ns/pF
dTHL
Delta High to Low
0.12
0.15
ns/pF
Notes:
1.
Delays based on 50 pF loading.
2.
SSO information can be found in the Simultaneously Switching Output Limits for Actel FPGAs application note at
http://www.actel.com/appnotes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com