Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300-EZK Datasheet (PDF) - Microchip Technology

USB3300-EZK Datasheet PDF - Microchip Technology
Part # USB3300-EZK
Download  USB3300-EZK Download
File Size   676.66 Kbytes
Page   59 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface

USB3300-EZK Datasheet (PDF)

Go To PDF Page Download Datasheet
USB3300-EZK Datasheet PDF - Microchip Technology

Part # USB3300-EZK
Download  USB3300-EZK Click to download

File Size   676.66 Kbytes
Page   59 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface

USB3300-EZK Datasheet (HTML) - Microchip Technology


USB3300-EZK Product details

General Description
The USB3300 is an industrial temperature Hi-Speed USB Physical Layer Transceiver (PHY). The USB3300 uses a low pin count interface (ULPI) to connect to a ULPI compliant Link layer. The ULPI interface reduces the UTMI+ interface from 54 pins to 12 pins using a method of in-band signaling and status byte transfers between the Link and PHY.

PRODUCT FEATURES
■ USB-IF Hi-Speed certified to the Universal Serial Bus Specification Rev 2.0
■ Interface compliant with the ULPI Specification revision 1.1 in 8-bit mode
■ Industry standard UTMI+ Low Pin Interface (ULPI) Converts 54 UTMI+ signals into a standard 12 pin Link controller interface
■ 54.7mA Unconfigured Current (typical) - ideal for bus powered applications
■ 83uA suspend current (typical) - ideal for battery powered applications
■ Latch-Up performance exceeds 150 mA per EIA/JESD 78, Class II
■ ESD protection levels of ±8kV HBM without external protection devices
■ Integrated protection to withstand IEC61000-4-2 ESD tests (±8kV contact and ±15kV air) per 3rd party test facility
■ Supports FS pre-amble for FS hubs with a LS device attached (UTMI+ Level 3)
■ Supports HS SOF and LS keep-alive pulse
■ Includes full support for the optional On-The-Go (OTG) protocol detailed in the On-The-Go Supplement Revision 1.0a specification
■ Supports the OTG Host Negotiation Protocol (HNP) and Session Request Protocol (SRP)
■ Allows host to turn VBUS off to conserve battery power in OTG applications
■ Supports OTG monitoring of VBUS levels with internal comparators. Includes support for an external VBUS or fault monitor.
■ Low Latency Hi-Speed Receiver (43 Hi-Speed clocks Max) allows use of legacy UTMI Links with a ULPI wrapper
■ Integrated Pull-up resistor on STP for interface protection allows a reliable Link/PHY start-up with slow Links (software configured for low power)
■ Internal 1.8 volt regulators allow operation from a single 3.3 volt supply
■ Internal short circuit protection of ID, DP and DM lines to VBUS or ground
■ Integrated 24MHz Crystal Oscillator supports either crystal operation or 24MHz external clock input
■ Internal PLL for 480MHz Hi-Speed USB operation
■ Industrial Operating Temperature -40°C to +85°C
■ 32 pin, QFN lead-free RoHS Compliant package (5 x 5 x 0.90 mm height)

Applications
The USB3300 is the ideal companion to any ASIC, SoC or FPGA solution designed with a ULPI Hi-Speed USB host, peripheral or OTG core.

The USB3300 is well suited for:
■ Cell Phones
■ PDAs
■ MP3 Players
■ Scanners
■ External Hard Drives
■ Digital Still and Video Cameras
■ Portable Media Players
■ Printers




Similar Part No. - USB3300-EZK

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3300-EZK SMSC-USB3300-EZK Datasheet
344Kb / 11P
HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
USB3300-EZK SMSC-USB3300-EZK Datasheet
719Kb / 49P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
USB3300-EZK SMSC-USB3300-EZK Datasheet
960Kb / 55P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
More results


Similar Description - USB3300-EZK

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3300 SMSC-USB3300 Datasheet
344Kb / 11P
HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
USB3450 SMSC-USB3450 Datasheet
1Mb / 40P
HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
USB3300 SMSC-USB3300_06 Datasheet
719Kb / 49P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
USB3500 SMSC-USB3500 Datasheet
749Kb / 46P
Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
USB3300 SMSC-USB3300_07 Datasheet
960Kb / 55P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3300 MICROCHIP-USB3300 Datasheet
1Mb / 53P
Hi-Speed USB Host, Device or OTG PHY
01/27/15
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
Hi-Speed USB Host, Device or OTG PHY
07/14/15
USB3450 MICROCHIP-USB3450 Datasheet
740Kb / 39P
Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com