Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300-EZK Datasheet (PDF) - SMSC Corporation

USB3300-EZK Datasheet PDF - SMSC Corporation
Part # USB3300-EZK
Download  USB3300-EZK Download
File Size   344.65 Kbytes
Page   11 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE

USB3300-EZK Datasheet (PDF)

Go To PDF Page Download Datasheet
USB3300-EZK Datasheet PDF - SMSC Corporation

Part # USB3300-EZK
Download  USB3300-EZK Click to download

File Size   344.65 Kbytes
Page   11 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE

USB3300-EZK Datasheet (HTML) - SMSC Corporation


USB3300-EZK Product details

General Description
The USB3300 is an industrial temperature Hi-Speed USB Physical Layer Transceiver (PHY). The USB3300 uses a low pin count interface (ULPI) to connect to a ULPI compliant Link layer. The ULPI interface reduces the UTMI+ interface from 54 pins to 12 pins using a method of in-band signaling and status byte transfers between the Link and PHY.

PRODUCT FEATURES
■ USB-IF Hi-Speed certified to the Universal Serial Bus Specification Rev 2.0
■ Interface compliant with the ULPI Specification revision 1.1 in 8-bit mode
■ Industry standard UTMI+ Low Pin Interface (ULPI) Converts 54 UTMI+ signals into a standard 12 pin Link controller interface
■ 54.7mA Unconfigured Current (typical) - ideal for bus ■owered applications
■ 83uA suspend current (typical) - ideal for battery powered applications
■ Latch-Up performance exceeds 150 mA per EIA/JESD 78, Class II
■ ESD protection levels of ±8kV HBM without external protection devices
■ Integrated protection to withstand IEC61000-4-2 ESD ■ests (±8kV contact and ±15kV air) per 3rd party test facility
■ Supports FS pre-amble for FS hubs with a LS device attached (UTMI+ Level 3)
■ Supports HS SOF and LS keep-alive pulse
■ Includes full support for the optional On-The-Go (OTG) protocol detailed in the On-The-Go Supplement Revision 1.0a specification
■ Supports the OTG Host Negotiation Protocol (HNP) and Session Request Protocol (SRP)
■ Allows host to turn VBUS off to conserve battery ■ower in OTG applications
■ Supports OTG monitoring of VBUS levels with internal comparators. Includes support for an external VBUS or fault monitor.
■ Low Latency Hi-Speed Receiver (43 Hi-Speed clocks ■ax) allows use of legacy UTMI Links with a ULPI wrapper
■ Integrated Pull-up resistor on STP for interface protection allows a reliable Link/PHY start-up with slow Links (software configured for low power)
■ Internal 1.8 volt regulators allow operation from a ■ingle 3.3 volt supply
■ Internal short circuit protection of ID, DP and DM lines to VBUS or ground
■ Integrated 24MHz Crystal Oscillator supports either ■rystal operation or 24MHz external clock input
■ Internal PLL for 480MHz Hi-Speed USB operation
■ Industrial Operating Temperature -40°C to +85°C
■ 32 pin, QFN lead-free RoHS Compliant package (5 x 5 x 0.90 mm height)

Applications
The USB3300 is the ideal companion to any ASIC, SoC or FPGA solution designed with a ULPI Hi-Speed USB host, peripheral or OTG core.

The USB3300 is well suited for:
■ Cell Phones
■ PDAs
■ MP3 Players
■ Scanners
■ External Hard Drives
■ Digital Still and Video Cameras
■ Portable Media Players
■ Printers




Similar Part No. - USB3300-EZK

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3300-EZK SMSC-USB3300-EZK Datasheet
719Kb / 49P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
USB3300-EZK SMSC-USB3300-EZK Datasheet
960Kb / 55P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
More results


Similar Description - USB3300-EZK

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3450 SMSC-USB3450 Datasheet
1Mb / 40P
HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
USB3280 SMSC-USB3280 Datasheet
977Kb / 42P
Hi-Speed USB Device PHY with UTMI Interface
USB3300 SMSC-USB3300_06 Datasheet
719Kb / 49P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
USB3500 SMSC-USB3500 Datasheet
749Kb / 46P
Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
USB3300 SMSC-USB3300_07 Datasheet
960Kb / 55P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
USB3300 MICROCHIP-USB3300 Datasheet
1Mb / 53P
Hi-Speed USB Host, Device or OTG PHY
01/27/15
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
Hi-Speed USB Host, Device or OTG PHY
07/14/15
USB3450 MICROCHIP-USB3450 Datasheet
740Kb / 39P
Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com