Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

130054 Datasheet (PDF) - Tyco Electronics

130054 Datasheet PDF - Tyco Electronics
Part # 130054
Download  130054 Download
File Size   86.32 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL, RING TONGUE, PLASTI-GRIP, WIRE SIZE, 22-16 AWG

130054 Datasheet (PDF)

Go To PDF Page Download Datasheet
130054 Datasheet PDF - Tyco Electronics

Part # 130054
Download  130054 Click to download

File Size   86.32 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL, RING TONGUE, PLASTI-GRIP, WIRE SIZE, 22-16 AWG

130054 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 130054

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
130054 TEC-130054 Datasheet
2Mb / 6P
PLASTI-GRIP Terminals & Splices
08/2013
logo
Molex Electronics Ltd.
1300540010 MOLEX-1300540010 Datasheet
38Kb / 1P
Micro-Change (M12) 4 Pole, 90° D-Coded Adapter Female to Female RJ45, M16 x 1.5 Back Panel Mount
08/26/2022
1300540012 MOLEX11-1300540012 Datasheet
81Kb / 1P
M12 D-CODE CORDSET RECETRACLE
1300540013 MOLEX11-1300540013 Datasheet
81Kb / 1P
M12 D-CODE CORDSET RECETRACLE
1300540020 MOLEX-1300540020 Datasheet
39Kb / 1P
Ultra-Lock (M12) D-Coded to RJ-45 Adapter, Straight to Straight, 4-Pole Female to RJ45 Male, Unshielded PVC, 0.050m (1.97") Length
08/26/2022
More results


Similar Description - 130054

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
34151 MACOM-34151 Datasheet
82Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE, 22-16 AWG
32951 MACOM-32951 Datasheet
77Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP, WIRE SIZE, 22-16 AWG
34143 MACOM-34143 Datasheet
40Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE, 22-16 AWG
34148 MACOM-34148 Datasheet
87Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE, 22-16 AWG
52350 MACOM-52350 Datasheet
80Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP, WIRE SIZE: 6 AWG
34141 MACOM-34141 Datasheet
71Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE: 22-16 AWG
34157 MACOM-34157 Datasheet
38Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE
32944 MACOM-32944 Datasheet
40Kb / 1P
TERMINAL RING TONGUE PLASTI-GRIP WIRE SIZE 22-16 AWG
logo
TE Connectivity Ltd
52041 TEC-52041 Datasheet
85Kb / 1P
TERMINAL, RING TONGUE, PLASTI GRIP, WIRE SIZE : 8 AWG
ENG_CD_34161_U TEC-ENG_CD_34161_U Datasheet
111Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE:16-14AWG
11/10/92
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com