Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32944 Datasheet (PDF) - Tyco Electronics

32944 Datasheet PDF - Tyco Electronics
Part # 32944
Download  32944 Download
File Size   40.72 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL RING TONGUE PLASTI-GRIP WIRE SIZE 22-16 AWG

32944 Datasheet (PDF)

Go To PDF Page Download Datasheet
32944 Datasheet PDF - Tyco Electronics

Part # 32944
Download  32944 Click to download

File Size   40.72 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description TERMINAL RING TONGUE PLASTI-GRIP WIRE SIZE 22-16 AWG

32944 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 32944

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3294 3M-3294 Datasheet
131Kb / 5P
3M™ Vent Tape
Jan-2006
logo
Everlight Electronics C...
3294-15SUBC EVERLIGHT-3294-15SUBC Datasheet
122Kb / 7P
3.0mm Round Type LED Lamps
3294-15SUBC-S400-A6 EVERLIGHT-3294-15SUBC-S400-A6 Datasheet
152Kb / 7P
3.0mm Round Type LED Lamps
3294-15SUBC/S400-A4 EVERLIGHT-3294-15SUBC/S400-A4 Datasheet
122Kb / 7P
3.0mm Round Type LED Lamps
3294-15SUBCS400-A6 EVERLIGHT-3294-15SUBCS400-A6 Datasheet
152Kb / 7P
3.0mm Round Type LED Lamps
More results


Similar Description - 32944

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
34151 MACOM-34151 Datasheet
82Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE, 22-16 AWG
32951 MACOM-32951 Datasheet
77Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP, WIRE SIZE, 22-16 AWG
34143 MACOM-34143 Datasheet
40Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE, 22-16 AWG
34148 MACOM-34148 Datasheet
87Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE, 22-16 AWG
52350 MACOM-52350 Datasheet
80Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP, WIRE SIZE: 6 AWG
130054 MACOM-130054 Datasheet
86Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP, WIRE SIZE, 22-16 AWG
34141 MACOM-34141 Datasheet
71Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE: 22-16 AWG
34157 MACOM-34157 Datasheet
38Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE
logo
TE Connectivity Ltd
52041 TEC-52041 Datasheet
85Kb / 1P
TERMINAL, RING TONGUE, PLASTI GRIP, WIRE SIZE : 8 AWG
ENG_CD_34161_U TEC-ENG_CD_34161_U Datasheet
111Kb / 1P
TERMINAL, RING TONGUE, PLASTI-GRIP WIRE SIZE:16-14AWG
11/10/92
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com