Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF15060 Datasheet (PDF) - Motorola, Inc

MRF15060 Datasheet PDF - Motorola, Inc
Part # MRF15060
Download  MRF15060 Download
File Size   164.33 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF POWER BIPOLAR TRANSISTORS

MRF15060 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF15060 Datasheet PDF - Motorola, Inc

Part # MRF15060
Download  MRF15060 Click to download

File Size   164.33 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF POWER BIPOLAR TRANSISTORS

MRF15060 Datasheet (HTML) - Motorola, Inc


MRF15060 Product details

The RF Sub–Micron Bipolar Line

RF Power Bipolar Transistors



Designed for broadband commercial and industrial applications at frequencies from 1400 to 1600 MHz. The high gain and broadband performance of these devices makes them ideal for large–signal, common–emitter class A and class AB amplifier applications in 26 volt amplitude modulated and multi–carrier base station equipment.



• Guaranteed Two–Tone Performance at 1490 MHz, 26 Volts

   Output Power — 60 Watts (PEP)

   Power Gain — 10 dB

   Efficiency — 33%

• Characterized with Series Equivalent Large–Signal Impedance Parameters

• S–Parameter Characterization at High Bias Levels

• Excellent Thermal Stability

• All Gold Metal for Ultra Reliability

• Capable of Handling 3:1 VSWR @ 26 Vdc, 1490 MHz, 60 Watts (PEP) Output Power



   




Similar Part No. - MRF15060

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF150 MOTOROLA-MRF150 Datasheet
148Kb / 6P
N-CHANNEL MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF150 MACOM-MRF150 Datasheet
183Kb / 8P
N-CHANNEL MOS LINEAR RF POWER FET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
RF Power FET 150W, to 150MHz, 50V
logo
Advanced Semiconductor
MRF150 ASI-MRF150 Datasheet
19Kb / 1P
SILICON RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
RF Power FET 150W, to 150MHz, 50V
More results


Similar Description - MRF15060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1274-01 STMICROELECTRONICS-SD1274-01 Datasheet
79Kb / 7P
RF POWER BIPOLAR TRANSISTORS VHF MOBILE APPLICATIONS
24-May-2004
SD1477 STMICROELECTRONICS-SD1477_04 Datasheet
243Kb / 9P
RF POWER BIPOLAR TRANSISTORS VHF MOBILE APPLICATIONS
07-Jun-2004
logo
Diodes Incorporated
SD1727 DIODES-SD1727_04 Datasheet
398Kb / 9P
RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
logo
STMicroelectronics
SD1727 STMICROELECTRONICS-SD1727_04 Datasheet
407Kb / 9P
RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
08-Jun-2004
SD1731 STMICROELECTRONICS-SD1731_04 Datasheet
364Kb / 9P
RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
08-Jun-2004
logo
ON Semiconductor
MMJT350T1G ONSEMI-MMJT350T1G Datasheet
108Kb / 4P
Bipolar Power Transistors
September, 2010 ??Rev. 5
NSS40300MZ4 ONSEMI-NSS40300MZ4_10 Datasheet
114Kb / 7P
Bipolar Power Transistors
September, 2010 ??Rev. 1
NJT4030P ONSEMI-NJT4030P_10 Datasheet
279Kb / 7P
Bipolar Power Transistors
September, 2010 -- Rev. 1
NJT4031N ONSEMI-NJT4031N_13 Datasheet
112Kb / 5P
Bipolar Power Transistors
August, 2013 ??Rev. 4
MMJT350T1G ONSEMI-MMJT350T1G_13 Datasheet
114Kb / 4P
Bipolar Power Transistors
August, 2013 ??Rev. 7
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com