Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1081 Datasheet (PDF) - Hittite Microwave Corporation

HMC1081 Datasheet PDF - Hittite Microwave Corporation
Part # HMC1081
Download  HMC1081 Download
File Size   399.61 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC MIXER 50 - 75 GHz

HMC1081 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC1081 Datasheet PDF - Hittite Microwave Corporation

Part # HMC1081
Download  HMC1081 Click to download

File Size   399.61 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC MIXER 50 - 75 GHz

HMC1081 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC1081

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1081 AD-HMC1081 Datasheet
460Kb / 8P
E-Band Communications Systems
More results


Similar Description - HMC1081

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC329LC3B HITTITE-HMC329LC3B Datasheet
261Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC554LC3B HITTITE-HMC554LC3B Datasheet
273Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC-MDB169 HITTITE-HMC-MDB169 Datasheet
152Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 54 - 64 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
logo
HBH Microwave GmbH
HX5003 HBH-HX5003 Datasheet
20Kb / 1P
8 - 10 GHz GaAs MMIC Mixer
HX5003_SMD HBH-HX5003_SMD Datasheet
19Kb / 1P
8 - 10 GHz GaAs MMIC Mixer
logo
Hittite Microwave Corpo...
HMC554 HITTITE-HMC554_09 Datasheet
228Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
HMC560 HITTITE-HMC560_09 Datasheet
228Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 40 GHz
logo
Analog Devices
HMC1106 AD-HMC1106 Datasheet
776Kb / 10P
GaAs MMIC MIXER 15 - 36 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com