Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6KA24_SERIES Datasheet (PDF) - Vishay Siliconix

6KA24_SERIES Datasheet PDF - Vishay Siliconix
Part # 6KA24_SERIES
Download  6KA24_SERIES Download
File Size   37.94 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Disigned for under the good applications

6KA24_SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
6KA24_SERIES Datasheet PDF - Vishay Siliconix

Part # 6KA24_SERIES
Download  6KA24_SERIES Click to download

File Size   37.94 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Disigned for under the good applications

6KA24_SERIES Datasheet (HTML) - Vishay Siliconix


6KA24_SERIES Product details

Stand-off Voltage - 24 Volts Peak Pulse Power - 6000 Watts



♦ Designed for under the hood applications

♦ Plastic package has Underwriters Laboratories

   Flammability Classification 94V-0

♦ Exclusive GI patented Passivated Anisotropic Rectifier (PAR) construction

♦ 6000W peak pulse power capability with a 10/1000µs waveform

♦ 2000W peak pulse power capability with a 10µs/50ms waveform

♦ Low incremental surge resistance

♦ Ideally suited for automotive “load dump” applications

♦ High temperature soldering guaranteed: 300°C/10 seconds 0.375” (9.5mm) lead lengths, 5lbs (2.3kg) tension



 




Similar Part No. - 6KA24_SERIES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6KA24-4 VISHAY-6KA24-4 Datasheet
37Kb / 2P
PREMIUM AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
FutureWafer Tech Co.,Lt...
6KA24A FUTUREWAFER-6KA24A Datasheet
1Mb / 11P
6600W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
logo
Vishay Siliconix
6KA24HE3/54 VISHAY-6KA24HE3/54 Datasheet
94Kb / 4P
Automotive Transient Voltage Suppressors
20-Oct-08
6KA24 VISHAY-6KA24_11 Datasheet
75Kb / 4P
PAR Transient Voltage Suppressors
08-Feb-11
6KA24 VISHAY-6KA24_V01 Datasheet
78Kb / 4P
PAR짰 Transient Voltage Suppressors
16-Sep-2021
More results


Similar Description - 6KA24_SERIES

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PE000DD3D MACOM-PE000DD3D_11 Datasheet
163Kb / 2P
The CHAMELEON Adaptable Module for DC Applications
logo
3M Electronics
SCT3250EX 3M-SCT3250EX Datasheet
274Kb / 2P
The Clear Solution for Demanding Touch Applications
logo
Skyworks Solutions Inc.
SMV1247-040LF SKYWORKS-SMV1247-040LF Datasheet
1Mb / 17P
The Right Products for Your System Applications
logo
STMicroelectronics
AN4174 STMICROELECTRONICS-AN4174 Datasheet
2Mb / 21P
Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
31-Oct-2012
logo
International Rectifier
IRSM505-055 IRF-IRSM505-055_15 Datasheet
831Kb / 15P
Under-voltage lockout for all channels
logo
ALPS ELECTRIC CO.,LTD.
SKRP ALPS-SKRP_15 Datasheet
845Kb / 3P
High operation force satisfies the needs in automotive applications. Wide stem & good mountability
logo
JMK Inc.
ZA-2075-8 JMK-ZA-2075-8 Datasheet
182Kb / 1P
designed for systems operating under the requirements of MIL-STD-461C
logo
TE Connectivity Ltd
PE000DD3D TEC-PE000DD3D Datasheet
163Kb / 2P
The CHAMELEON Adaptable Module for DC Applications
logo
List of Unclassifed Man...
TS121SZQ2 ETC2-TS121SZQ2 Datasheet
308Kb / 2P
Highest quality for the most demanding applications
logo
PHOENIX CONTACT
1424412 PHOENIX-1424412 Datasheet
74Kb / 3P
good shielding in the event of electromagnetic interference
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com