Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6KA24 Datasheet (PDF) - Vishay Siliconix

6KA24 Datasheet PDF - Vishay Siliconix
Part # 6KA24_V01
Download  6KA24 Download
File Size   78.34 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description PAR짰 Transient Voltage Suppressors

6KA24 Datasheet (PDF)

Go To PDF Page Download Datasheet
6KA24 Datasheet PDF - Vishay Siliconix

Part # 6KA24_V01
Download  6KA24 Click to download

File Size   78.34 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description PAR짰 Transient Voltage Suppressors

6KA24 Datasheet (HTML) - Vishay Siliconix


6KA24 Product details

FEATURES
• Junction passivation optimized design
passivated anisotropic rectifier technology
• TJ = 185 °C capability suitable for high
reliability and automotive requirement
• Excellent clamping capability
• Low leakage current
• High surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting,
especially for automotive load dump protection application.

MECHANICAL DATA
Case: P600, molded epoxy over passivated junction
Molding compound meets UL 94 V-0 flammability rating
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B, .....)
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
HE3 suffix meets JESD 201 class 2 whisker test
Polarity: color band denotes cathode end




Similar Part No. - 6KA24_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6KA24-4 VISHAY-6KA24-4 Datasheet
37Kb / 2P
PREMIUM AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
FutureWafer Tech Co.,Lt...
6KA24A FUTUREWAFER-6KA24A Datasheet
1Mb / 11P
6600W Transient Voltage Suppression Diodes
19-JUL-2021 V 2.1
logo
Vishay Siliconix
6KA24HE3/54 VISHAY-6KA24HE3/54 Datasheet
94Kb / 4P
Automotive Transient Voltage Suppressors
20-Oct-08
6KA24 VISHAY-6KA24_11 Datasheet
75Kb / 4P
PAR Transient Voltage Suppressors
08-Feb-11
6KA24_SERIES VISHAY-6KA24_SERIES Datasheet
37Kb / 2P
Disigned for under the good applications
More results


Similar Description - 6KA24_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM6A27T VISHAY-SM6A27T Datasheet
93Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
24-Mar-15
SM6S10AT VISHAY-SM6S10AT Datasheet
100Kb / 5P
Surface Mount PAR® Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
03-Dec-2018
3KASMC10A VISHAY-3KASMC10A_V01 Datasheet
414Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
05-Mar-13
5KASMC10A VISHAY-5KASMC10A_V01 Datasheet
98Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
19-Apr-2021
SM5A27T VISHAY-SM5A27T_V01 Datasheet
120Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
SM5A27 VISHAY-SM5A27_V01 Datasheet
104Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
SM5S10A VISHAY-SM5S10A Datasheet
103Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
SM6A27 VISHAY-SM6A27_V01 Datasheet
101Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
SM6S10A VISHAY-SM6S10A Datasheet
103Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
SM8A27 VISHAY-SM8A27_V01 Datasheet
100Kb / 5P
Surface Mount PAR짰 Transient Voltage Suppressors
26-Oct-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com